Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0915768 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0915768
Description  TMCP 1 M1 300 2,0A - Thermal-magnetic device circuit breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0915768 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0915768 Datasheet HTML 1Page - PHOENIX CONTACT 0915768 Datasheet HTML 2Page - PHOENIX CONTACT 0915768 Datasheet HTML 3Page - PHOENIX CONTACT 0915768 Datasheet HTML 4Page - PHOENIX CONTACT 0915768 Datasheet HTML 5Page - PHOENIX CONTACT 0915768 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/0915768
CSA
Approval ID: 074317
UL Recognized
Approval ID: FILE E 140459
EAC
Approval ID: RU C-DE.A*30.B01546
VDE approval of drawings
Approval ID: 40029348
TMCP 1 M1 300 2,0A - Thermal-magnetic device
circuit breaker
0915768
https://www.phoenixcontact.com/us/products/0915768
Apr 8, 2025, 7:45 AM
Page 4 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com