Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0915768 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0915768
Description  TMCP 1 M1 300 2,0A - Thermal-magnetic device circuit breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0915768 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0915768 Datasheet HTML 1Page - PHOENIX CONTACT 0915768 Datasheet HTML 2Page - PHOENIX CONTACT 0915768 Datasheet HTML 3Page - PHOENIX CONTACT 0915768 Datasheet HTML 4Page - PHOENIX CONTACT 0915768 Datasheet HTML 5Page - PHOENIX CONTACT 0915768 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Thermomagnetic device circuit breakers
Product family
TMCP
Type
Male
Number of positions
1
No. of channels
1
Insulation characteristics
Overvoltage category
II
Degree of pollution
2
Electrical properties
Fuse type
Automatic device
General
250 V AC
Rated voltage
65 V DC
Rated current IN
2 A
Rated surge voltage
2.5 kV
Insulation resistance Riso
> 100 MΩ (500 V DC)
240 V AC / 1 A (Low-induction)
Auxiliary circuit
65 V AC / 1 A (Low-induction)
Tripping method
TM (thermal-magnetic)
Device resistance
0.28 Ω
400 A
Rated short-circuit switching capacity Icn
2500 A (32 V DC)
5000 A (UL 1077: 277 V AC)
Short-circuit switching capacity
2000 A (UL 1077: 65 V DC)
3000 V AC (Actuation area)
1500 V AC (Main to auxiliary circuit)
Dielectric strength
1000 V AC (Auxiliary circuit 11 - 12 to 23 - 24)
Switching cycles, max.
10000 (At 1 x In, inductive)
Fuse
M1 (normal blow)
1 N/O contact
Contact switching type
1 N/C contact
Connection data
Connection method
pluggable
Connection method
pluggable
Dimensions
TMCP 1 M1 300 2,0A - Thermal-magnetic device
circuit breaker
0915768
https://www.phoenixcontact.com/us/products/0915768
Apr 8, 2025, 7:45 AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com