Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLE20 Datasheet(PDF) 4 Page - Sanken electric

Part # MLE20
Description  The present specifications shall apply to silicon N-channel power MOS FET MLE20.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MLE20 Datasheet(HTML) 4 Page - Sanken electric

  MLE20 Datasheet HTML 1Page - Sanken electric MLE20 Datasheet HTML 2Page - Sanken electric MLE20 Datasheet HTML 3Page - Sanken electric MLE20 Datasheet HTML 4Page - Sanken electric MLE20 Datasheet HTML 5Page - Sanken electric MLE20 Datasheet HTML 6Page - Sanken electric MLE20 Datasheet HTML 7Page - Sanken electric MLE20 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MLE20
050621
SSE-23453
4/8
61426-01
SANKEN ELECTRIC CO., LTD.
4 外形
Package information
4-1外形、寸法および材質
Package type, physical dimensions and material
<注> ※印寸法は、リード根元部の寸法を示す。
単位:mm
Note
※ shows the dimensions measured at the bottom of
lead.
Dimensions in mm
15.6 ±0.3
14.0 ±0.3
13.6 ±0.2
9.6 ±0.2
5.0 MAX
2.1 MAX
1.7 -0.3
+0.2
+0.2
0.6 -0.1
15.8 ±0.2
1.0 -0.1
+0.2
2 -0.1
+0.2
3 -0.1
+0.2
2 -0.1
+0.2
5.45 ±0.1
5.45 ±0.1
3.2 φ±0.1
※
※
※
名称
Description
材質
Material
仕様
Specification
樹脂
Resin
エポキシ系樹脂
Epoxy resin
−
リード端子
Lead terminal
Cu
Ni メッキ・半田ディップ処理
Ni plating,solder dip treatment
Solder:Pb Free Sn-3Ag-0.5Cu
(1)
(2)
(3)
(1) ゲート
Gate
(2) ドレイン
Drain
(3) ソース
Source
M L E 2 0
a)
b)
RG
(1)
(2)
(3)
RG=60Ω
c)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com