Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLE20 Datasheet(PDF) 3 Page - Sanken electric

Part # MLE20
Description  The present specifications shall apply to silicon N-channel power MOS FET MLE20.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MLE20 Datasheet(HTML) 3 Page - Sanken electric

  MLE20 Datasheet HTML 1Page - Sanken electric MLE20 Datasheet HTML 2Page - Sanken electric MLE20 Datasheet HTML 3Page - Sanken electric MLE20 Datasheet HTML 4Page - Sanken electric MLE20 Datasheet HTML 5Page - Sanken electric MLE20 Datasheet HTML 6Page - Sanken electric MLE20 Datasheet HTML 7Page - Sanken electric MLE20 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MLE20
050621
SSE-23453
3/8
61426-01
SANKEN ELECTRIC CO., LTD.
図1 スイッチングタイム 測定方法
Fig.1
Switching Time Test Method
VDD≒50V
ID=10A
RL=5Ω
VGS=10V
RG=60Ω(内部抵抗)
(b) 出力波形
Waveforms
td(on)
tr
ton
td(off)
tf
toff
90%
10%
90%
10%
VGS
VDS
(a) 測定回路
Test Circuit
ID
VDS
VDD
RG
RL
VGS
0V
P.W.=10μs
Duty cycle≦1%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com