Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLE20 Datasheet(PDF) 1 Page - Sanken electric

Part # MLE20
Description  The present specifications shall apply to silicon N-channel power MOS FET MLE20.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MLE20 Datasheet(HTML) 1 Page - Sanken electric

  MLE20 Datasheet HTML 1Page - Sanken electric MLE20 Datasheet HTML 2Page - Sanken electric MLE20 Datasheet HTML 3Page - Sanken electric MLE20 Datasheet HTML 4Page - Sanken electric MLE20 Datasheet HTML 5Page - Sanken electric MLE20 Datasheet HTML 6Page - Sanken electric MLE20 Datasheet HTML 7Page - Sanken electric MLE20 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MLE20
050621
SSE-23453
1/8
61426-01
SANKEN ELECTRIC CO., LTD.
1 適用範囲
Scope
この規格は、シリコンNチャネルパワーMOS FET MLE20について適用する。
The present specifications shall apply to silicon N-channel power MOS FET MLE20.
2 絶対最大定格
Absolute maximum ratings
項
目
Characteristic
記
号
Symbol
定
格
rating
単 位
Unit
ド レ イ ン ・ ソ ー ス 電 圧
Drain to Source Voltage
VDSS
150
ゲ ー ト ・ ソ ー ス 電 圧
Gate to Source Voltage
VGSS
±20
V
ド レ イ ン 電 流 ( 直 流 )
Continuous Drain Current
ID
±20
ド レ イ ン 電 流 ( ハ ゚ ル ス )
Pulsed Drain Current
ID(pulse)※1
±80
A
許
容
損
失
Maximum Power Dissipation
PD
150 (Tc=25℃)
W
チ ャ ネ ル 部 温 度
Channel Temperature
Tch
150
保
存
温
度
Storage Temperature
Tstg
−55∼+150
℃
※1 PW≦100μsec.,duty cycle≦1%


Similar Part No. - MLE20

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MLE LITTELFUSE-MLE Datasheet
170Kb / 7P
Multilayer Transient Voltage Suppressor
logo
Marktech Corporate
MLE-COLOR MARKTECH-MLE-COLOR Datasheet
79Kb / 2P
ML-E Color Series on Linear Board
MLE-COLOR MARKTECH-MLE-COLOR_15 Datasheet
79Kb / 2P
ML-E Color Series on Linear Board
MLE-WHITE MARKTECH-MLE-WHITE Datasheet
638Kb / 2P
Cree ML-E White Series on Linear Board
MLE-WHITE MARKTECH-MLE-WHITE_15 Datasheet
638Kb / 2P
Cree ML-E White Series on Linear Board
More results

Similar Description - MLE20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03M5DNS RENESAS-RJK03M5DNS Datasheet
148Kb / 7P
Silicon N Channel Power MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Sanken electric
SFA0001 SANKEN-SFA0001 Datasheet
1Mb / 12P
The present specifications shall apply to switching power supply IC SFA0001-VF-RP
SJPA-D3VL SANKEN-SJPA-D3VL Datasheet
128Kb / 5P
The present specifications shall apply to an SJPA-D3.
SJPA-L3VR SANKEN-SJPA-L3VR Datasheet
272Kb / 5P
The present specifications shall apply to an SJPA-L3.
SJPE-H4VR SANKEN-SJPE-H4VR Datasheet
196Kb / 5P
The present specifications shall apply to an SJPE-H4.
SJPL-H6VL SANKEN-SJPL-H6VL Datasheet
144Kb / 4P
The present specifications shall apply to an SJPL-H6.
logo
Shanghai Leiditech Elec...
2CL79 LEIDITECH-2CL79 Datasheet
479Kb / 8P
The present specifications shall apply to plastic sealed high voltage Diode 2CL79
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com