Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 2 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 2 Page - Texas Instruments

  REF80_V01 Datasheet HTML 1Page - Texas Instruments REF80_V01 Datasheet HTML 2Page - Texas Instruments REF80_V01 Datasheet HTML 3Page - Texas Instruments REF80_V01 Datasheet HTML 4Page - Texas Instruments REF80_V01 Datasheet HTML 5Page - Texas Instruments REF80_V01 Datasheet HTML 6Page - Texas Instruments REF80_V01 Datasheet HTML 7Page - Texas Instruments REF80_V01 Datasheet HTML 8Page - Texas Instruments REF80_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Thermal Information....................................................5
6.4 Recommended Operating Conditions.........................6
6.5 Electrical Characteristics.............................................6
6.6 Typical Characteristics................................................ 8
7 Detailed Description...................................................... 11
7.1 Overview................................................................... 11
7.2 Functional Block Diagram......................................... 11
7.3 Feature Description...................................................11
8 Parameter Measurement Information.......................... 13
8.1 Long-Term Stability................................................... 13
8.2 Temperature Drift...................................................... 14
8.3 Thermal Hysteresis................................................... 14
8.4 Noise Performance................................................... 15
9 Application and Implementation.................................. 18
9.1 Application Information............................................. 18
9.2 Typical Applications.................................................. 18
9.3 Power Supply Recommendation...............................22
9.4 Layout ...................................................................... 22
10 Device and Documentation Support..........................23
10.1 Documentation Support.......................................... 23
10.2 Receiving Notification of Documentation Updates..23
10.3 Support Resources................................................. 23
10.4 Trademarks.............................................................23
10.5 Electrostatic Discharge Caution..............................23
10.6 Glossary..................................................................23
11 Revision History.......................................................... 23
12 Mechanical, Packaging, and Orderable
Information.................................................................... 23
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com