Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 1 Page - Texas Instruments

  REF80_V01 Datasheet HTML 1Page - Texas Instruments REF80_V01 Datasheet HTML 2Page - Texas Instruments REF80_V01 Datasheet HTML 3Page - Texas Instruments REF80_V01 Datasheet HTML 4Page - Texas Instruments REF80_V01 Datasheet HTML 5Page - Texas Instruments REF80_V01 Datasheet HTML 6Page - Texas Instruments REF80_V01 Datasheet HTML 7Page - Texas Instruments REF80_V01 Datasheet HTML 8Page - Texas Instruments REF80_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift
and < 1ppm Stability
1 Features
• 7.6V ultra-precision reference with minimal number
of external components
• Ultra-low temperature drift: 0.05ppm/°C
• Excellent long term stability: 0.3ppm (1k hour to 5k
hour)
• Integrated heater with temperature stable indicator
• 1/f noise (0.1Hz to 10Hz) : 0.12ppmpk-pk
• Input Voltage range: 10V to 16.5V
• Heater supply range: 10V to 42V
• Hermetically sealed ceramic package (20 pin
LCCC)
2 Applications
• Parametric measurement unit
• Lab and field instrumentation
• Precision weight scales
• Battery test equipment
• Digital multimeter
• Source measurement unit
• Data acquisition
3 Description
The REF80 is a highly integrated ultra-low drift
buried zener precision voltage reference. The REF80
combines a precision 7.6V reference with an internal
heater to achieve extremely low temperature drift
of 0.05ppm/°C. The integrated heater maintains the
internal temperature of the die at a constant set
point. This helps the reference voltage stay constant
irrespective of ambient temperature variations. The
device internal temperature is pre-programmed to
eliminate design complexities. This allows for fast
design cycles, easy bring up and no dependence on
high-cost external precision components.
The REF80 family is available in a 20-pin LCCC
package. The LCCC package is a hermetically sealed
ceramic package that enables ultra-low long-term
stability specification of 0ppm (after setteling), critical
for applications that demand a long time period
without calibration. The package also offers excellent
immunity against humidity variation.
Device Information
PART NAME
PACKAGE (1)
BODY SIZE (NOM) (2)
REF80
LCCC (20)
8.89mm × 8.89mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
OP-STBL
VDD
T-SET
REF_Z
REF_GND
HEATP
HEATM
+30 V
10 V
5V
Stable Temp
Indicator
7.6V
REF80
1µF
1µF
10µF
REF80 Circuit Diagram
(With Supply and Passive Requirement)
Time (Hours)
0
1000
2000
3000
4000
5000
-15
-10
-5
0
5
10
15
Reference Voltage Drift Vs Time
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF80_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF80 TI-REF80 Datasheet
1Mb / 23P
REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
SEPTEMBER 2024
More results

Similar Description - REF80_V01

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Intersil Corporation
X60008A-50 INTERSIL-X60008A-50 Datasheet
284Kb / 11P
1ppm/C, 5.0V, Precision Low-Power FGA Voltage Reference
March 15, 2005
logo
Microsemi Corporation
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
1.5ppm C Drift, Low Noise, Buffered Reference
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Analog Devices
ADR1399 AD-ADR1399 Datasheet
2Mb / 11P
Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
10/2021-Revision 0
ADR1399 AD-ADR1399_V01 Datasheet
2Mb / 16P
Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
Rev. A
ADR1000 AD-ADR1000 Datasheet
688Kb / 10P
Oven-Compensated, Buried Zener, 6.62 V Voltage Reference
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com