Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 9 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF80_V01 Datasheet HTML 5Page - Texas Instruments REF80_V01 Datasheet HTML 6Page - Texas Instruments REF80_V01 Datasheet HTML 7Page - Texas Instruments REF80_V01 Datasheet HTML 8Page - Texas Instruments REF80_V01 Datasheet HTML 9Page - Texas Instruments REF80_V01 Datasheet HTML 10Page - Texas Instruments REF80_V01 Datasheet HTML 11Page - Texas Instruments REF80_V01 Datasheet HTML 12Page - Texas Instruments REF80_V01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
6.6 Typical Characteristics (continued)
At TA = 25°C, VIN = 10V, VHET = 30V, CREF_Z = 10μF, CVDD = 1μF, (unless otherwise noted)
Time(seconds)
-25
0
25
50
75
100
125
150
175
200
0
100
200
300
400
VHET = 10V
VHET = 15V
VHET = 20V
VHET = 30V
VHET = 40V
Figure 6-7. Startup Heater Current
IHET vs Time
Time(seconds)
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
VHET = 10V
VHET = 15V
VHET = 20V
VHET = 30V
VHET = 40V
Figure 6-8. Startup Heater Current (Zoomed View)
IHET vs Time
Noise (ppmp-p)
0
10
20
30
40
0.084
0.096
0.108
0.12
0.132
0.144
0.156
Figure 6-9. 0.1Hz to 10Hz Voltage Noise Distribution
Frequency(Hz)
1x100
1x101
1x102
1x103
1x104
1x105
0
50
100
150
200
250
Figure 6-10. Noise Density vs Frequency
Solder Shift (mV)
0
5
10
15
20
25
30
35
40
45
50
55
Figure 6-11. Solder Shift Distribution
Thermal Hysteresis (ppm)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
Figure 6-12. Thermal Hysteresis (Cycle 1) Distribution
TA = 0°C to 70°C
www.ti.com
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com