Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF80_V01 Datasheet HTML 7Page - Texas Instruments REF80_V01 Datasheet HTML 8Page - Texas Instruments REF80_V01 Datasheet HTML 9Page - Texas Instruments REF80_V01 Datasheet HTML 10Page - Texas Instruments REF80_V01 Datasheet HTML 11Page - Texas Instruments REF80_V01 Datasheet HTML 12Page - Texas Instruments REF80_V01 Datasheet HTML 13Page - Texas Instruments REF80_V01 Datasheet HTML 14Page - Texas Instruments REF80_V01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
7 Detailed Description
7.1 Overview
The REF80 is temperature controlled, buried zener voltage reference specifically designed for excellent voltage
stability over time and temperature. The Figure 7-1 is the simplified block diagram of the REF80 showing the
generation of voltage reference with buried zener and on chip heater control.
7.2 Functional Block Diagram
OP_STBL
VDD
T-SET
REF_Z
REF_GND
HEATP
HEATM
Heater
Regulator
Buried Zener
Reference
Figure 7-1. Functional Block Diagram for REF80
7.3 Feature Description
7.3.1 Heater
REF80 has on chip heater which is factory programmed to TSET temperature as per Table 7-1 to regulate the
temperature of the die within ±1ºC, for the entire operating ambient temperature range. This allows REF80 to
achieve ultra low temperature drift of 0.05ppm/ºC. Heater has dedicated supply pins HEATP and HEATM which
run independent of VDD supply pin. The steady state power dissipation of the heater is directly proportional to
the difference between ambient temperature TA and TSET as per Equation 1. Heater current depends on (HEATP
- HEATM) voltage. Heater takes high transient current at the time of start-up to heat up the device from ambient.
REF80 has heater indicator pin OP_STBL, which de-asserts when the heater reaches within ±0.1% of TSET.
Table 7-1. TSET of Heater
Operating Temperature Range (TA)
TSET
0ºC to 70ºC
115ºC
PHEATER(W)= TSET − TA
RθJA − VDD×IVDD
(1)
VDD is supply voltage for the chip and IVDD is the supply current.
RθJA depends on board thickness and layout. The data sheet value of RθJA is based on JEDEC standard board.
REF80 offers flexibility to decrease the heater temperature by putting a resistor with less than 2% tolerance on
the T-SET pin as per Table 7-2 to save power and reduce the thermal noise for restricted ambient temperature
applications. TSET must be programmed to 45ºC above the max ambient temperature to make sure that the
heater is regulating the temperature properly. REF80 samples the value of the resistor at the time of startup and
the value of TSET is modified accordingly. Small drift in resistor value does not impact the TSET temperature as
T-SET pin samples discreet value.
www.ti.com
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com