Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet (PDF) - Texas Instruments

REF80 Datasheet PDF - Texas Instruments
Part # REF80
Download  REF80 Download
File Size   1181.28 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability

REF80 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF80 Datasheet PDF - Texas Instruments

Part # REF80
Download  REF80 Click to download

File Size   1181.28 Kbytes
Page   23 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability

REF80 Datasheet (HTML) - Texas Instruments


REF80 Product details

1 Features
• 7.6V ultra-precision reference with minimal number
of external components
• Ultra-low temperature drift: 0.05ppm/°C
• Excellent long term stability: < 1ppm
• Integrated heater with temperature stable indicator
• 1/f noise (0.1Hz to 10Hz) : 0.16ppmpk-pk
• Input Voltage range: 10V to 16.5V
• Heater supply range: 10V to 42V
• Hermetically sealed ceramic package (20 pin
LCCC)

2 Applications
• Parametric measurement unit
• Lab and field instrumentation
• Precision weight scales
• Battery test equipment
• Digital multimeter
• Source measurement unit
• Data acquisition

3 Description
The REF80 is a highly integrated ultra-low drift
buried zener precision voltage reference. The REF80
combines a precision 7.6V reference with an internal
heater to achieve extremely low temperature drift
of 0.05ppm/°C. The integrated heater maintains the
internal temperature of the die at a constant set
point. This helps the reference voltage stay constant
irrespective of ambient temperature variations. The
device internal temperature is pre-programmed to
eliminate design complexities. This allows for fast
design cycles, easy bring up and no dependence on
high-cost external precision components.
The REF80 family is available in a 20-pin LCCC
package. The LCCC package is a hermetically sealed
ceramic package that enables ultra-low long-term
stability specification of 1ppm, critical for applications
that demand a long time period without calibration.
The package also offers excellent immunity against
humidity variation.




Similar Part No. - REF80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF80 TI1-REF80 Datasheet
1Mb / 27P
REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
MARCH 2025
REF80000B1NAJT TI1-REF80000B1NAJT Datasheet
1Mb / 27P
REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
MARCH 2025
REF80 TI1-REF80_V01 Datasheet
1Mb / 27P
REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
MARCH 2025
More results


Similar Description - REF80

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Intersil Corporation
X60008A-50 INTERSIL-X60008A-50 Datasheet
284Kb / 11P
1ppm/C, 5.0V, Precision Low-Power FGA Voltage Reference
March 15, 2005
logo
Microsemi Corporation
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
1.5ppm C Drift, Low Noise, Buffered Reference
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Analog Devices
ADR1399 AD-ADR1399 Datasheet
2Mb / 11P
Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
10/2021-Revision 0
ADR1399 AD-ADR1399_V01 Datasheet
2Mb / 16P
Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
Rev. A
ADR1000 AD-ADR1000 Datasheet
688Kb / 10P
Oven-Compensated, Buried Zener, 6.62 V Voltage Reference
Rev. B
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com