Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 2 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 2 Page - Texas Instruments

  REF80 Datasheet HTML 1Page - Texas Instruments REF80 Datasheet HTML 2Page - Texas Instruments REF80 Datasheet HTML 3Page - Texas Instruments REF80 Datasheet HTML 4Page - Texas Instruments REF80 Datasheet HTML 5Page - Texas Instruments REF80 Datasheet HTML 6Page - Texas Instruments REF80 Datasheet HTML 7Page - Texas Instruments REF80 Datasheet HTML 8Page - Texas Instruments REF80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Thermal Information....................................................5
6.4 Recommended Operating Conditions.........................5
6.5 Electrical Characteristics.............................................6
6.6 Typical Characteristics................................................ 7
7 Detailed Description........................................................9
7.1 Overview..................................................................... 9
7.2 Functional Block Diagram........................................... 9
7.3 Feature Description.....................................................9
8 Parameter Measurement Information.......................... 11
8.1 Long-Term Stability................................................... 11
8.2 Temperature Drift...................................................... 11
8.3 Noise Performance................................................... 12
9 Application and Implementation.................................. 15
9.1 Application Information............................................. 15
9.2 Typical Applications.................................................. 15
9.3 Power Supply Recommendation...............................19
9.4 Layout....................................................................... 19
10 Device and Documentation Support..........................20
10.1 Documentation Support.......................................... 20
10.2 Receiving Notification of Documentation Updates..20
10.3 Support Resources................................................. 20
10.4 Trademarks.............................................................20
10.5 Electrostatic Discharge Caution..............................20
10.6 Glossary..................................................................20
11 Revision History.......................................................... 20
12 Mechanical, Packaging, and Orderable
Information.................................................................... 20
REF80
SNAS856 – SEPTEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com