Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF80 Datasheet HTML 13Page - Texas Instruments REF80 Datasheet HTML 14Page - Texas Instruments REF80 Datasheet HTML 15Page - Texas Instruments REF80 Datasheet HTML 16Page - Texas Instruments REF80 Datasheet HTML 17Page - Texas Instruments REF80 Datasheet HTML 18Page - Texas Instruments REF80 Datasheet HTML 19Page - Texas Instruments REF80 Datasheet HTML 20Page - Texas Instruments REF80 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
9.2.2 Typical Application Circuits
9.2.2.1 Precision Voltage Divider Connection
Precision data converters typically require voltage reference which is less than or equal to 5V. REF80 requires a
precision resistor divider followed by low noise buffer to generate reference voltage for data converters as shown
in Figure 9-3.
The selection of resistor depends on the current capability (< 1mA is preferred) and noise requirement. Minimum
value of resistors are decided by the output current as per Equation 4.
R1 + R2≥ 7.6kΩ
(3)
Maximum value of the resistors are decided by the noise consideration. Thermal noise of the resistors (parallel
equivalent) is added as per Equation 5
VREFNoise =  R2R1 + R2×REF_ZNoise2+ R1 R2Thermal Noise2
(4)
Where
• VREFNoise = Reference noise requirement in desired frequency band
• REF_ZNoise = REF80 noise in desired frequency band
• R1||R2Thermal noise = Thermal noise of parallel equivalent of R1 and R2 resistor
R1 and R2 must be precision foil resistors with matched temperature drift for best performance.
VREF
7.6V OUTPUT
OP-STBL
VDD
T-SET
REF_Z
REF_GND
HEATP
HEATM
+24 V
10 V
3.3V
Stable Temp Indicator
REF80
1µF
1µF
Figure 9-3. Precision Resistor Divider Connection
9.2.2.2 Calibration Signal
Ultra low long term stability and temperature drift makes REF80 an excellent choice for metrology grade
calibration signal generation.
www.ti.com
REF80
SNAS856 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com