Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF80 Datasheet HTML 2Page - Texas Instruments REF80 Datasheet HTML 3Page - Texas Instruments REF80 Datasheet HTML 4Page - Texas Instruments REF80 Datasheet HTML 5Page - Texas Instruments REF80 Datasheet HTML 6Page - Texas Instruments REF80 Datasheet HTML 7Page - Texas Instruments REF80 Datasheet HTML 8Page - Texas Instruments REF80 Datasheet HTML 9Page - Texas Instruments REF80 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6.4 Recommended Operating Conditions (continued)
over operating free-air temperature range, all the voltages ratings are specified with respect to REF_GND pin voltage
(unless otherwise noted)
MIN
NOM
MAX
UNIT
Current
OP-STBL Current (Output Logic Low, Active HIGH output)
0
5
mA
TA
Operating temperature
0
70
°C
6.5 Electrical Characteristics
At VDD = 10V, VHEATER = 30V, CREF_Z = 10µF, CVDD = 1µF, IL = 0 mA, minimum and maximum specifications across
supported temperature range, typical specifications TA = 25℃; unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage
TA = 25℃
7.6
V
Output voltage
accuracy
TA = 25℃
–50
50
mV
Output voltage
temperature
coefficient
0.05
0.2
ppm/
℃
HYSTERESIS AND LONG-TERM STABILITY
Long-term stability
0 to 336 Hours (14 days), TA = 25℃, TSET = 115℃
10
ppm
336 Hours to 1000 Hours, TA = 25℃, TSET = 115℃
0.9
enp-p
Low frequency noise
ƒ = 0.1Hz to 10Hz
0.16
ppmp-p
NOISE
en
Output voltage noise
ƒ = 10Hz to 100Hz,
0.6
uVrms
LINE AND LOAD REGULATION
ΔVREF_Z/
ΔVDD
Line regulation
VDD = 10V to 16.5V
4
10
ppm/V
POWER SUPPLY
VDD
Input voltage
10
16.5
V
VHEATER
Input voltage
(HEATP - HEATM)
10
42
V
IHEATER
Start up current
335
mA
Quiescent current
TA = 25℃, TSET = 115℃, VHEATER = 10V
75
TA = 25℃, TSET = 115℃, VHEATER = 42V
18
IVDD
Quiescent current
15
mA
TURNON TIME
Start-up
VREF_Z
REF_Z settled within ±3ppm
100
sec
Heater Turn-on time
OP-STBL = 1
250
ms
STABLE CAPACITANCE RANGE
Input capacitor range
0.1
µF
Output capacitor
range (1)
10
100
µF
(1)
ESR for the capacitor can range from 10 mΩ to 400 mΩ
REF80
SNAS856 – SEPTEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com