Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 4 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 4 Page - Texas Instruments

  REF80 Datasheet HTML 1Page - Texas Instruments REF80 Datasheet HTML 2Page - Texas Instruments REF80 Datasheet HTML 3Page - Texas Instruments REF80 Datasheet HTML 4Page - Texas Instruments REF80 Datasheet HTML 5Page - Texas Instruments REF80 Datasheet HTML 6Page - Texas Instruments REF80 Datasheet HTML 7Page - Texas Instruments REF80 Datasheet HTML 8Page - Texas Instruments REF80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
5 Pin Configuration and Functions
1
3
4
8
9
13
14
18
19
REF80
REF_Z
REF_Z
NC
NC
NC
REF_GND
REF_GND
HEATM
HEATM
HEATP
Figure 5-1. NAJ Package
20-Pin LCCC
Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
Number
NC
1, 2, 6-12
No Connect
No connect pin. Leave this pin floating or connected to GND.
T-SET
3
Input
Connect resistor to adjust the heater temperature. Leave the pin
floating to use factory programmed heater set point. Refer Section
7.3.1 for more details.
REF_Z
4,5
Output
Reference voltage output. Connect an output capacitor between
10μF to 100μF for the best performance.
GND
13
GND
This pin should be shorted to REF_GND pin.
REF_GND
14, 15
Ground
Reference ground pin. This pin carries the current through the
buried zener reference.
HEATM
16, 17
Power
Heater power supply negative connection.
HEATP
18
Power
Heater power supply positive connection.
VDD
19
Power
Power supply for buried zener core and buffer.
OP_STBL
20
Output
Active high output. Indicates the internal heater is stabilized at
factory programmed temperature.
REF80
SNAS856 – SEPTEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com