Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 5 Page - Texas Instruments

  REF80 Datasheet HTML 1Page - Texas Instruments REF80 Datasheet HTML 2Page - Texas Instruments REF80 Datasheet HTML 3Page - Texas Instruments REF80 Datasheet HTML 4Page - Texas Instruments REF80 Datasheet HTML 5Page - Texas Instruments REF80 Datasheet HTML 6Page - Texas Instruments REF80 Datasheet HTML 7Page - Texas Instruments REF80 Datasheet HTML 8Page - Texas Instruments REF80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range, all the voltages ratings are specified with respect to REF_GND pin voltage (unless
otherwise noted) (1)
MIN
MAX
UNIT
Voltage
VDD, OP-STBL, NIC, NC
–0.3
18
V
Voltage
REF_Z
–0.3
10
V
Voltage
HEATP
–0.3
48
V
Voltage
HEATM
–42
0.3
V
Voltage
HEATP - HEATM
0
42
Output short circuit current
ISC
30
mA
Operating temperature range TA
–55
125
°C
Storage temperature range
Tstg
–65
170
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied. These are stress ratings only and functional operation of the device at these or any other conditions
beyond those specified in the Electrical Characteristics Table is not implied.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins (1)
±2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins (2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Thermal Information
THERMAL METRIC(1)
REF80
UNIT
NAJ (LCCC)
20 PINS
RθJA
Junction-to-ambient thermal resistance
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
TBD
°C/W
RθJB
Junction-to-board thermal resistance
TBD
°C/W
ΨJT
Junction-to-top characterization parameter
TBD
°C/W
ΨJB
Junction-to-board characterization parameter
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Recommended Operating Conditions
over operating free-air temperature range, all the voltages ratings are specified with respect to REF_GND pin voltage
(unless otherwise noted)
MIN
NOM
MAX
UNIT
Voltage
VDD (Input voltage)
10
16.5
V
REF_Z
0
8
VHET Heater voltage, V(HEATP - HEATM)
10
42
HEATP
0
42
HEATM
-42
0
OP-STBL (Output voltage stable indicator)
0
VIN
www.ti.com
REF80
SNAS856 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com