Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF80 Datasheet HTML 7Page - Texas Instruments REF80 Datasheet HTML 8Page - Texas Instruments REF80 Datasheet HTML 9Page - Texas Instruments REF80 Datasheet HTML 10Page - Texas Instruments REF80 Datasheet HTML 11Page - Texas Instruments REF80 Datasheet HTML 12Page - Texas Instruments REF80 Datasheet HTML 13Page - Texas Instruments REF80 Datasheet HTML 14Page - Texas Instruments REF80 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
8 Parameter Measurement Information
8.1 Long-Term Stability
Buried zener references typically exhibit very stable long term stability and used as a ultra stable reference
for internal calibration of the signal chain system. The long-term stability value is tested in a typical setup that
reflects standard PCB board manufacturing practices for references with strain modulation structure around the
device. The boards are made of standard FR4 material with 35µm of Copper.
Long term stability setup is designed with utmost care to minimize impact of thermocouple error, strain impact
and mechanical vibration in long term stability measurement. The boards are maintained at 25°C in an air drift
oven with heater temperature set to 115°C in powered on condition for long term stability measurement.
Typical long-term stability characteristic is expressed as a deviation over time. Figure 8-1 shows the typical drift
value for the REF80 VREF_Z is 9ppm from 0 to 300 hours. Drift of REF80 quickly settles around 300 hours.
Subsequent deviation is typically lower than 1ppm for the next 1000hr.
Time (Hours)
0
200
400
600
800
1000
-20
-10
0
10
20
Avg
Avg + Std dev
Avg - Std dev
Figure 8-1. Long Term Stability (VREF_Z)
8.2 Temperature Drift
The REF80 has integrated on chip heater, which is factory programmed to TSET = 105°C temperature. Heater
regulates the TSET temperature to ± 1°C for entire operating temperature range. This results in 0.05ppm/°C
tempco for REF80.
The temperature coefficient is calculated using the box method in which a box is formed by the min/max
variation for the nominal output voltage over the operating temperature range. REF80 has a maximum
temperature coefficient of 0.2ppm/°C for 0°C to70°C temperature range. The box method specifies limits for
the temperature error but does not specify the exact shape and slope of the device under test. See SLYT183 for
more information on the box method. The box method equation is shown in Equation 2:
REF(MAX)
REF(MIN)
6
REF(25 C)
V
V
Drift
10
V
Temperature Range
q
§
·
u
¨
¸
¨
¸
u
©
¹
(2)
www.ti.com
REF80
SNAS856 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com