Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 19 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF80 Datasheet HTML 15Page - Texas Instruments REF80 Datasheet HTML 16Page - Texas Instruments REF80 Datasheet HTML 17Page - Texas Instruments REF80 Datasheet HTML 18Page - Texas Instruments REF80 Datasheet HTML 19Page - Texas Instruments REF80 Datasheet HTML 20Page - Texas Instruments REF80 Datasheet HTML 21Page - Texas Instruments REF80 Datasheet HTML 22Page - Texas Instruments REF80 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
9.3 Power Supply Recommendation
The buried zener reference requires a stable power supply of 10V to 16.5V for stable operation of the REF_Z
pin. Potential difference between HEATP and HEATM pin must be 10V to 42V. HEATP must always be
connected to a positive supply or ground. HEAM must always be connected to a negative supply or ground.
The heater supply must be able to provide high inrush current for fast start-up of the device. TI recommends a
supply bypass capacitor ranging between 0.1µF to 10µF.
9.4 Layout
9.4.1 Layout Guidelines
Layout Example illustrates an example of a PCB layout for a data acquisition system using the REF80. Some
key considerations are:
• Noise performance
– Connect low-ESR, 0.1μF ceramic bypass capacitors at VDD, HEATM and HEATP of the REF80.
– Connect 10uF to 100uF class 1 capacitor at REFZ of the REF80.
– Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary.
• Thermal performance
– The layout must minimize the heat dissipation to maintain good thermal resistance for REF80.
– Use minimum copper to route VDD, REF_Z, REF_GND signal.
– Use copper as per current requirement for HEATP and HEATM pin.
– Avoid direct copper pours underneath the package.
• Seebeck effect
– Avoid multiple metal-metal junction to minimize Seebeck effect.
• Long term stability performance
– Provide strain relief directly to pins as shown in the Layout Example.
– Provide cuts near to the pin, perpendicular to the pins and corners.
– Avoid single point strain accumulation.
www.ti.com
REF80
SNAS856 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com