Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF80 Datasheet HTML 6Page - Texas Instruments REF80 Datasheet HTML 7Page - Texas Instruments REF80 Datasheet HTML 8Page - Texas Instruments REF80 Datasheet HTML 9Page - Texas Instruments REF80 Datasheet HTML 10Page - Texas Instruments REF80 Datasheet HTML 11Page - Texas Instruments REF80 Datasheet HTML 12Page - Texas Instruments REF80 Datasheet HTML 13Page - Texas Instruments REF80 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
T-SET Pin Resistor VS Change in TSET
Resistor on T-SET pin
Heater Temperature
0
TSET
130kΩ
TSET - 10ºC
360kΩ
TSET - 20ºC
800kΩ
TSET - 30ºC
OPEN
TSET
7.3.2 Buried Zener Reference
The 7.6V reference output is generated with an ultra low noise buried zener diode which is biased at 15mA
current. This buried zener exhibits extremely stable long term stability characteristics, which helps REF80 to
achieve an accuracy of calibration grade instruments.
REF80
SNAS856 – SEPTEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com