Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF80 Datasheet HTML 9Page - Texas Instruments REF80 Datasheet HTML 10Page - Texas Instruments REF80 Datasheet HTML 11Page - Texas Instruments REF80 Datasheet HTML 12Page - Texas Instruments REF80 Datasheet HTML 13Page - Texas Instruments REF80 Datasheet HTML 14Page - Texas Instruments REF80 Datasheet HTML 15Page - Texas Instruments REF80 Datasheet HTML 16Page - Texas Instruments REF80 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Noise (ppmp-p)
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0
10
20
30
40
50
Figure 8-5. 0.1Hz to 10Hz Voltage Noise Distribution
The 1/f noise is in such a low frequency range that it is not practical to filter out which makes it a key parameter
for ultra-low noise measurements. Noise sensitive designs must use the lowest 1/f noise for the highest precision
measurements. Figure 8-6 shows the effect of 1/f noise over 10s.
Time (1s/div)
Figure 8-6. 0.1Hz to 10Hz Voltage Noise
8.3.2 Broadband Noise
Broadband noise is a noise that appears at higher frequency compared to 1/f noise. The broadband noise is
dominated by white noise as shown in Figure 8-8 . The broadband noise is measured by high-pass filtering
the output of the REF80 and measuring the result on a spectrum analyzer as shown in Figure 8-7. The DC
component of the REF80 is removed by using a high-pass filter and then amplified. When measuring broadband
noise, it is not necessary to have high gain to achieve maximum bandwidth.
www.ti.com
REF80
SNAS856 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com