Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 7 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF80 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF80 Datasheet HTML 3Page - Texas Instruments REF80 Datasheet HTML 4Page - Texas Instruments REF80 Datasheet HTML 5Page - Texas Instruments REF80 Datasheet HTML 6Page - Texas Instruments REF80 Datasheet HTML 7Page - Texas Instruments REF80 Datasheet HTML 8Page - Texas Instruments REF80 Datasheet HTML 9Page - Texas Instruments REF80 Datasheet HTML 10Page - Texas Instruments REF80 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
6.6 Typical Characteristics
at TA = 25°C, VIN = 10V, VHEATER = 30V, CREFZ = 10μF, CVDD = 1μF, (unless otherwise noted)
Ambient Te mperature [
C]
0
10
20
30
40
50
60
70
-15
-10
-5
0
5
10
Figure 6-1. Output Voltage Vs Free-Air Temperature
Te mperature Drift (ppm/
C) TA = 0C to 70C
0
10
20
30
40
50
0.02
0.04
0.06
0.08
0.1
0.12
Figure 6-2. Temperature Drift Distribution
Initial Accuracy (mV)
0
10
20
30
40
50
60
-50
-45
-40
-35
-30
-25
-20
-15
Figure 6-3. Accuracy Distribution
Ambient Te mperature [
C]
0
10
20
30
40
50
60
70
13
15
17
Figure 6-4. Supply Current (IVDD) vs Temperature
Ambient Te mperature (
C)
0
10
20
30
40
50
60
70
0
50
100
150
200
VH_10V
VH_12V
VH_24V
VH_30V
Figure 6-5. Heater Current (IHeater) vs Temperature
Noise (ppmp-p)
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0
10
20
30
40
50
Figure 6-6. 0.1Hz to 10Hz Voltage Noise Distribution
www.ti.com
REF80
SNAS856 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com