Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF80 Datasheet HTML 2Page - Texas Instruments REF80 Datasheet HTML 3Page - Texas Instruments REF80 Datasheet HTML 4Page - Texas Instruments REF80 Datasheet HTML 5Page - Texas Instruments REF80 Datasheet HTML 6Page - Texas Instruments REF80 Datasheet HTML 7Page - Texas Instruments REF80 Datasheet HTML 8Page - Texas Instruments REF80 Datasheet HTML 9Page - Texas Instruments REF80 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6.4 Recommended Operating Conditions
over operating free-air temperature range, all the voltages ratings are specified with respect to REF_GND pin voltage
(unless otherwise noted)
MIN
NOM
MAX
UNIT
Voltage
VDD
10
16.5
V
REF_Z
0
8
VHET Heater voltage, V(HEATP - HEATM)
10
42
HEATP
0
42
HEATM
-42
0
OP_STBL
0
VDD
Current
OP_STBL (IOL)
0
5
mA
TA
Operating temperature
-40
70
°C
6.5 Electrical Characteristics
At VDD = 10V, VHET= 30V, TSET = 115℃, CREF_Z = 10µF, CVDD = 1µF, IL = 0mA, T-SET = Open, OP_STBL is pulled up to
5V through 10kΩ resistor, minimum and maximum specifications across supported temperature range, typical specifications
TA = 25℃; unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
REF_Z
Output voltage
7.6
V
Output voltage
accuracy
–50
50
mV
Output voltage
temperature
coefficient(1)
TA = 0℃ to 70℃
0.05
0.2
ppm/
℃
HYSTERESIS AND LONG-TERM STABILITY
Long-term stability
1000 hours, TA = 25℃, TSET = 115℃
3
ppm
1000 hours to 5000 hours , TA = 25℃, TSET = 115℃
0.3
Output voltage
hysteresis
Cycle 1
1
ppm
Cycle 2
0.3
ppm
NOISE
enp-p
Low frequency noise
ƒ = 0.1Hz to 10Hz
0.12
ppmp-p
en
Output voltage noise
ƒ = 10Hz to 100Hz,
0.6
uVrms
LINE REGULATION
ΔVREF_Z/
ΔVDD
Line regulation
VDD = 10V to 16.5V
4
10
ppm/V
POWER SUPPLY
VDD
Input voltage
10
16.5
V
VHET
Input voltage
(HEATP - HEATM)
10
42
V
IHET
Start up current
335
mA
Quiescent current
TA = 25℃, TSET = 115℃, VHET = 10V
75
TA = 25℃, TSET = 115℃, VHEATER = 42V
18
IVDD
Quiescent current
15
mA
TURNON TIME
Start-up
VREF_Z
REF_Z settled within ±3ppm from VDD and VHET
power up time
100
sec
Heater regulation time
OP_STBL goes to logic high level form VHET power-up
time
250
ms
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com