Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 15 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF80 Datasheet HTML 11Page - Texas Instruments REF80 Datasheet HTML 12Page - Texas Instruments REF80 Datasheet HTML 13Page - Texas Instruments REF80 Datasheet HTML 14Page - Texas Instruments REF80 Datasheet HTML 15Page - Texas Instruments REF80 Datasheet HTML 16Page - Texas Instruments REF80 Datasheet HTML 17Page - Texas Instruments REF80 Datasheet HTML 18Page - Texas Instruments REF80 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
VHYSTppm =  VPRE−VPOST
VPRE ×106
(3)
where-
• VHYST = thermal hysteresis (in units of ppm)
• VPRE = output voltage measured at 25°C pre-temperature cycling
• VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature
range of 0°C to75°C and returns to 25°C.
Thermal Hysteresis (ppm)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
Figure 8-4. Thermal Hysteresis (Cycle 1)
Distribution (0°C to 70°C)
Thermal Hysteresis (ppm)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
Figure 8-5. Thermal Hysteresis (Cycle 2)
Distribution (0°C to 70°C)
8.4 Noise Performance
8.4.1 1/f Noise
1/f noise, also known as flicker noise, is dominant mostly in the lower frequency bands. Flicker noise affects the
device output voltage which can affect the ENOB of the signal chain. REF80 data sheet specifies flicker noise for
0.1Hz to 10Hz frequency band where 1/f noise has maximum power. Flicker noise is measured by filtering the
output from 0.1Hz to 10Hz. Since the 1/f noise is an extremely low value, the frequency of interest needs to be
amplified and band-pass filtered as shown in Figure 8-6. 1/f noise must be tested in a Faraday cage enclosure
to block environmental noise. Refer to application note Techniques for Noise Measurements in Precision Series
References for more detail on noise measurement for precision series references.
www.ti.com
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com