Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF80 Datasheet HTML 9Page - Texas Instruments REF80 Datasheet HTML 10Page - Texas Instruments REF80 Datasheet HTML 11Page - Texas Instruments REF80 Datasheet HTML 12Page - Texas Instruments REF80 Datasheet HTML 13Page - Texas Instruments REF80 Datasheet HTML 14Page - Texas Instruments REF80 Datasheet HTML 15Page - Texas Instruments REF80 Datasheet HTML 16Page - Texas Instruments REF80 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
8 Parameter Measurement Information
8.1 Long-Term Stability
Buried zener references typically exhibit very stable long term stability and are used as an ultra stable reference
for internal calibration of the system. The long-term stability value is tested in a typical setup that reflects
standard PCB board manufacturing practices for references with a strain modulation structure around the device.
The boards are made of standard FR4 material with 35µm of Copper. The devices have been soldered through
standard reflow.
Long term stability setup is designed with utmost care to minimize impact of thermocouple error, strain impact
and mechanical vibration in long term stability measurement. The boards are maintained at 25°C in an air drift
oven with heater temperature set to 115°C in powered on condition for long term stability measurement.
Typical long-term stability characteristic is expressed as a deviation over time. Figure 8-1 shows the typical drift
value for the VREF_Z is 3ppm from 0 to 1000 hours. Drift of REF80 gets flat after 1000 hours. Powered-up burn-in
at room temperature helps REF80 to achieve best long term stability performance.
Power cycle has minimal impact on the stability of the VREF_Z and doesn't change the settled profile. Figure 8-2
shows the behavior of the output when the devices are powered off for 24 hours.
Figure 8-1. Long Term Stability (VREF_Z)
www.ti.com
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com