Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF80 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF80
Description  REF80 Temperature-Controlled Buried Zener Reference with 0.05ppm/°C Drift and < 1ppm Stability
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF80 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF80 Datasheet HTML 10Page - Texas Instruments REF80 Datasheet HTML 11Page - Texas Instruments REF80 Datasheet HTML 12Page - Texas Instruments REF80 Datasheet HTML 13Page - Texas Instruments REF80 Datasheet HTML 14Page - Texas Instruments REF80 Datasheet HTML 15Page - Texas Instruments REF80 Datasheet HTML 16Page - Texas Instruments REF80 Datasheet HTML 17Page - Texas Instruments REF80 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Power Cycle Hysteresis (ppm)
0
10
20
30
40
0
0.05
0.1
0.15
0.2
0.25
0.3
Figure 8-2. Power Cycle Hysteresis
8.2 Temperature Drift
The REF80 has integrated on chip heater, which is factory programmed to TSET = 115°C temperature. Heater
regulates the TSET temperature to ±1°C for entire operating temperature range. This results in 0.05ppm/°C
temperature drift coefficient for REF80. Figure 6-2 shows temperature drift profile of 42 devices.
The temperature coefficient is calculated using the box method in which a box is formed by the min/max
variation for the nominal output voltage over the operating temperature range. REF80 has a maximum
temperature coefficient of 0.2ppm/°C for 0°C to70°C temperature range. The box method specifies limits for
the temperature error but does not specify the exact shape and slope of the device under test. See SLYT183 for
more information on the box method. The box method equation is shown in Equation 2:
Driftppm/°C =  VREFMAX −VREFMIN
VREF25°C × Temperature Range ×106
(2)
Figure 8-3. Temperature Drift Distribution
8.3 Thermal Hysteresis
Thermal hysteresis is measured with the REF80 soldered to a PCB, similar to a real-world application. Thermal
hysteresis for the device is defined as the change in output voltage after operating the device at 25°C, cycling
the device through the 0°C to 70°C temperature range, and returning to 25°C. Thermal hysteresis for REF80
reduces significantly from second cycle ownwards as shown in Figure 8-4 and Figure 8-5. Hysteresis can be
expressed by Equation 3
REF80
SNAS856A – SEPTEMBER 2024 – REVISED MARCH 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com