Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP734 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP734
Description  Switching Power Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP734 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP734 Datasheet HTML 1Page - Toshiba Semiconductor TLP734 Datasheet HTML 2Page - Toshiba Semiconductor TLP734 Datasheet HTML 3Page - Toshiba Semiconductor TLP734 Datasheet HTML 4Page - Toshiba Semiconductor TLP734 Datasheet HTML 5Page - Toshiba Semiconductor TLP734 Datasheet HTML 6Page - Toshiba Semiconductor TLP734 Datasheet HTML 7Page - Toshiba Semiconductor TLP734 Datasheet HTML 8Page - Toshiba Semiconductor TLP734 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLP733,TLP734
2002-09-25
4
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
50
—
600
Current transfer ratio
IC / IF
IF = 5 mA, VCE = 5 V
Rank GB
100
—
600
%
—
60
—
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V
Rank GB
30
—
—
%
Base photo
−current
IPB
IF = 5 mA, VCB = 5 V
—
10
—
%
IC = 2.4 mA, IF = 8 mA
—
—
0.4
—
0.2
—
Collector
−emitter saturation
voltage
VCE (sat)
IC = 0.2 mA, IF = 1 mA
Rank GB
—
—
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance (input to output)
CS
VS = 0, f = 1 MHz
—
0.8
—
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
1×10
12
10
14
—
Ω
AC, 1 minute
4000
—
—
AC, 1 second, in oil
—
10000
—
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
—
10000
—
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
—
2
—
Fall time
tf
—
3
—
Turn
−on time
tON
—
3
10
Turn
−off time
tOFF
VCC = 10 V, IC = 2 mA
RL = 100Ω
—
3
10
μs
Turn
−on time
tON
—
3
—
Storage time
tS
—
40
—
Turn
−off time
tOFF
RL = 1.9 kΩ
(Fig.1)
RBE = open
VCC = 5 V, IF = 16 mA
—
90
—
μs
Turn
−on time
tON
—
3
—
Storage time
tS
—
30
—
Turn
−off time
tOFF
RL = 1.9 kΩ
(Fig.1)
RBE = 220 kΩ (TLP733)
VCC = 5 V, IF = 16 mA
—
60
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com