Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP734 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP734
Description  Switching Power Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP734 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP734 Datasheet HTML 1Page - Toshiba Semiconductor TLP734 Datasheet HTML 2Page - Toshiba Semiconductor TLP734 Datasheet HTML 3Page - Toshiba Semiconductor TLP734 Datasheet HTML 4Page - Toshiba Semiconductor TLP734 Datasheet HTML 5Page - Toshiba Semiconductor TLP734 Datasheet HTML 6Page - Toshiba Semiconductor TLP734 Datasheet HTML 7Page - Toshiba Semiconductor TLP734 Datasheet HTML 8Page - Toshiba Semiconductor TLP734 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLP733,TLP734
2002-09-25
2
Current Transfer Ratio
Current Transfer
Ratio (%)
(IC / IF)
IF = 5mA, VCE = 5V, Ta = 25°C
Type
Classi
−
fication
*1
Min.
Max.
Marking Of Classification
(None)
50
600
Blank, Y, Y
■, G, G■, B, B■, GB
50
150
Y, Y
■
Rank GR
100
300
G, G
■
200
600
B, B
■
TLP733
TLP734
Rank GB
100
600
G, G
■, B, B■, GB
*1: Ex. rank GB: TLP733 (GB)
Note: Application type name for certification test, please use standard product type name, i.e.
TLP733 (GB): TLP733
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
60
mA
Forward current derating (Ta ≥ 39°C)
ΔIF / °C
−0.7
mA / °C
Peak forward current (100 μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
55
V
Collector
−base voltage (TLP733)
VCBO
80
V
Emitter
−collector voltage
VECO
7
V
Emitter
−base voltage (TLP733)
VEBO
7
V
Collector current
IC
50
mA
Power dissipation
PC
150
mW
Power dissipation derating (Ta ≥ 25°C)
ΔPC / °C
−1.5
mW / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~100
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Total package power dissipation
PT
250
mW
Total package power dissipation derating (Ta ≥ 25°C)
ΔPT / °C
−2.5
mW / °C
Isolation voltage (AC, 1 min., R.H.≤ 60%)
BVS
4000
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com