Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP734 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP734
Description  Switching Power Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP734 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP734 Datasheet HTML 1Page - Toshiba Semiconductor TLP734 Datasheet HTML 2Page - Toshiba Semiconductor TLP734 Datasheet HTML 3Page - Toshiba Semiconductor TLP734 Datasheet HTML 4Page - Toshiba Semiconductor TLP734 Datasheet HTML 5Page - Toshiba Semiconductor TLP734 Datasheet HTML 6Page - Toshiba Semiconductor TLP734 Datasheet HTML 7Page - Toshiba Semiconductor TLP734 Datasheet HTML 8Page - Toshiba Semiconductor TLP734 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLP733,TLP734
2002-09-25
3
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
―
5
24
V
Forward current
IF
―
16
25
mA
Collector current
IC
―
1
10
mA
Operating temperature
Topr
−25
―
85
°C
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
―
―
10
μA
Capacitance
CT
V = 0, f = 1 MHz
―
30
―
pF
Collector
−emitter
breakdown voltage
V(BR)CEO
IC = 0.5 mA
55
―
―
V
Emitter
−collector
breakdown voltage
V(BR)ECO
IE = 0.1 mA
7
―
―
V
Collector
−base
breakdown voltage
(TLP733)
V(BR)CBO
IC = 0.1 mA
80
―
―
V
Emitter
−base
breakdown voltage
(TLP733)
V(BR)EBO
IE = 0.1 mA
7
―
―
V
VCE = 24 V
(ambient light
below 1000 ℓx)
―
0.01
(2)
0.1
(10)
μA
Collector dark current
ICEO
VCE = 24 V
(ambient light
Ta = 85°C
below 1000 ℓx)
―
2
(4)
50
(50)
μA
Collector dark current
(TLP733)
ICER
VCE = 24 V, Ta = 85°C
RBE = 1MΩ
―
0.5
10
μA
Collector dark current
(TLP733)
ICBO
VCB = 10 V
―
0.1
―
nA
DC forward current gain
(TLP733)
hFE
VCE = 5 V, IC = 0.5 mA
―
400
―
―
Capacitance collector to
emitter
CCE
V = 0, f = 1 MHz
―
10
―
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com