Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP734 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP734
Description  Switching Power Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP734 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP734 Datasheet HTML 2Page - Toshiba Semiconductor TLP734 Datasheet HTML 3Page - Toshiba Semiconductor TLP734 Datasheet HTML 4Page - Toshiba Semiconductor TLP734 Datasheet HTML 5Page - Toshiba Semiconductor TLP734 Datasheet HTML 6Page - Toshiba Semiconductor TLP734 Datasheet HTML 7Page - Toshiba Semiconductor TLP734 Datasheet HTML 8Page - Toshiba Semiconductor TLP734 Datasheet HTML 9Page - Toshiba Semiconductor TLP734 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TLP733,TLP734
2002-09-25
7
IC – VCE
Collector-emitter voltage VCE (V)
2
4
8
10
30
20
10
50
0
0
6
40
Ta = 25°C
20 mA
15 mA
10 mA
IF = 5 mA
50 mA
30 mA
PC (MAX.)
IC – VCE
Collector-emitter voltage VCE (V)
0.2
0.4
0.8
1.2
15
10
5
30
0
0
0.6
1.0
20
25
Ta = 25°C
20 mA
5 mA
10 mA
IF = 2 mA
50 mA
30 mA
40 mA
Forward current IF (mA)
IC – IF
3
1
30
0.01
10
0.3
0.03
0.1
1
10
300
0.1
3
30
0.3
100
Ta = 25°C
VCE = 5 V
VCE = 0.4 V
SAMPLE A
SAMPLE B
Forward current IF (mA)
IC / IF – IF
1
10
100
300
100
50
1000
10
0.1
500
30
3
30
0.3
Ta = 25°C
VCE = 5 V
VCE = 0.4 V
SAMPLE A
SAMPLE B
Forward current IF (mA)
TLP733
IC – IF at RBE
1
10
100
50
3
100
0.1
0.1
1
30
3
30
0.3
10
0.3
500kΩ
100kΩ
50kΩ
RBE=∞
Ta = 25°C
VCE = 5 V
Forward current IF (mA)
TLP733
IPB – IF
1
10
100
300
100
3
1000
0.1
0.1
1
30
3
30
0.3
10
0.3
Ta = 25°C
IF
RBE
VCC
A
IF
VCB
A
VCB = 0 V
VCB = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com