Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP627
Description  GaAs IRED & PHOTO-TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP627 Datasheet HTML 1Page - Toshiba Semiconductor TLP627 Datasheet HTML 2Page - Toshiba Semiconductor TLP627 Datasheet HTML 3Page - Toshiba Semiconductor TLP627 Datasheet HTML 4Page - Toshiba Semiconductor TLP627 Datasheet HTML 5Page - Toshiba Semiconductor TLP627 Datasheet HTML 6Page - Toshiba Semiconductor TLP627 Datasheet HTML 7Page - Toshiba Semiconductor TLP627 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP627,TLP627-2,TLP627-4
2007-10-01
4
Switching Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Rise Time
tr
—
40
—
Fall Time
tf
—
15
—
Turn-on Time
ton
—
50
—
Turn-off Time
toff
VCC=10V
IC=10mA
RL=100Ω
—
15
—
Turn-on Time
tON
—
5
—
Strage Time
ts
—
40
—
Turn-off Time
tOFF
RL=180Ω (Fig.1)
VCC=10V , IF=16mA
—
80
—
μs
Fig.1 SWITCHING TIME TEST CIRCUIT
RL
VCC
VCE
IF
tON
ts
tOFF
9V
1V
IF
VCE
VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com