Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP627
Description  GaAs IRED & PHOTO-TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP627 Datasheet HTML 1Page - Toshiba Semiconductor TLP627 Datasheet HTML 2Page - Toshiba Semiconductor TLP627 Datasheet HTML 3Page - Toshiba Semiconductor TLP627 Datasheet HTML 4Page - Toshiba Semiconductor TLP627 Datasheet HTML 5Page - Toshiba Semiconductor TLP627 Datasheet HTML 6Page - Toshiba Semiconductor TLP627 Datasheet HTML 7Page - Toshiba Semiconductor TLP627 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP627,TLP627-2,TLP627-4
2007-10-01
2
Absolute Maximum Ratings (Ta=25°C)
RATING
CHARACTERISTIC
SYMBOL
TLP627
TLP627-2
TLP627-4
UNIT
Forward Current
IF
60
50
mA
Forward Current Derating
∆IF /°C
−0.7(Ta≥39°C)
−0.5(Ta≥25°C)
mA /°C
Pulse Forward Current
IFP
1(100μs pulse,100pps)
A
Power Dissipation
(1 Circuit)
PD
100
70
mW
Power Dissipation Derating (Ta≥25°C,1 Circuit)
∆ PD /°C
-1.0
-0.7
mW /°C
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Collector-Emitter Voltage
VCEO
300
V
Emitter -Collector Voltage
VECO
0.3
V
Collector Current
IC
150
mA
Collector Power Dissipation
(1 Circuit)
PC
150(*300)
100
mW
Collector Power Dissipation Derating
(Ta≥25°C,1 Circuit)
∆ Pc /°C
-1.5(*-3.5)
-1.0
mW /°C
Junction Temperature
Tj
125
°C
Operating Temperature Range
Topr
−55~100
°C
Storage Temperature Range
Tstg
−55~125
°C
Lead Soldering Temperature (10s)
Tsold
260(10sec)
°C
Total Package Power Dissipation
PT
250(*320)
150
mW
Total Package Power Dissipation Derating
(Ta≥25°C,1 Circuit)
∆ PT/°C
-2.5(*-3.2)
-1.5
mW /°C
Isolation Voltage
(AC,1min. , R.H.≤60%)
(Note1)
BVS
5000
V r m s
*IF=20mA Max
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note1)Device considered a two terminal device : LED side pins Shorted together and DETECTOR side pins shorted
together.
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
—
—
200
V
Forward Current
IF
—
16
25
mA
Collector Current
IC
—
—
120
mA
Operating Temperature
Topr
−25
—
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com