Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP627
Description  GaAs IRED & PHOTO-TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP627 Datasheet HTML 1Page - Toshiba Semiconductor TLP627 Datasheet HTML 2Page - Toshiba Semiconductor TLP627 Datasheet HTML 3Page - Toshiba Semiconductor TLP627 Datasheet HTML 4Page - Toshiba Semiconductor TLP627 Datasheet HTML 5Page - Toshiba Semiconductor TLP627 Datasheet HTML 6Page - Toshiba Semiconductor TLP627 Datasheet HTML 7Page - Toshiba Semiconductor TLP627 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP627,TLP627-2,TLP627-4
2007-10-01
3
Individual Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
—
—
10
μA
Capacitance
CT
V = 0 , f=1MHz
—
30
—
pF
Collector-Emitter
Breakdown Voltage
V(BR)CEO
IC = 0.1mA
300
—
—
V
Emitter-Collector
Breakdown Voltage
V(BR)ECO
IE = 0.1mA
0.3
—
—
V
VCE = 200V
—
10
200
nA
Collector Dark Current
ICEO
VCE = 200V , Ta = 85°C
—
—
20
μA
Capacitance Collector
to Emitter
CCE
V=0 , f=1MHz
—
10
—
pF
Coupled Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Current Transfer Ratio
IC/IF
IF=1mA , VCE=1V
1000
4000
—
%
Saturated CTR
IC/IF(sat)
IF=10mA , VCE=1V
500
—
—
%
IC=10mA , IF=1mA
—
—
1.0
Collector-Emitter
Saturation Voltage
VCE(sat)
IC=100mA , IF=10mA
0.3
—
1.2
V
Isolation Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance Input to Output
CS
VS=0 , f=1MHz
—
0.8
—
pF
Isolation Resistance
RS
VS=500V , R.H.≤60%
5
×1010
10
14
—
Ω
AC, 1minute
5000
—
—
AC, 1second, in oil
—
10000
—
Vrms
Isolation Voltage
BVs
DC, 1 minute, in oil
—
10000
—
Vdc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com