Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP627
Description  GaAs IRED & PHOTO-TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP627 Datasheet HTML 1Page - Toshiba Semiconductor TLP627 Datasheet HTML 2Page - Toshiba Semiconductor TLP627 Datasheet HTML 3Page - Toshiba Semiconductor TLP627 Datasheet HTML 4Page - Toshiba Semiconductor TLP627 Datasheet HTML 5Page - Toshiba Semiconductor TLP627 Datasheet HTML 6Page - Toshiba Semiconductor TLP627 Datasheet HTML 7Page - Toshiba Semiconductor TLP627 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP627,TLP627-2,TLP627-4
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP627,TLP627-2,TLP627-4
PROGRAMMABLE CONTROLLERS
DC-OUTPUT MODULE
TELECOMMUNICATION
The TOSHIBA TLP627,-2 and -4 consists of a gallium arsenide infrared
emitting diode optically coupled to a darlington connected phototransistor
which has an integral base-emitter resistor to optimize switching speed and
elevated temperature characteristics.
The TLP627-2 offers two isolated channels in a eight lead plastic DIP,
while the TLP627-4 provide four isolated channels per package.
Collector-Emitter Voltage
: 300V(Min)
Current Transfer Ratio
: 1000%(Min)
Isolation Voltage
: 5000Vrms(Min)
UL Recognized
: UL1577,File No.E67349
MADE IN JAPAN
MADE IN THAILAND
UL Recognized
E67349
*1
E152349
*1
BSI Approved
7426, 7427
*2
7426, 7427
*2
*1 UL1577
*2 BS EN60065: 2002, BS EN60950-1: 2002
1: ANODE
2: CATHODE
3: EMITTER
4:COLLECTOR
1
2
3
4
TLP627
1
2
3
4
5
6
7
8
TLP627-2
1,3: ANODE
2,4: CATHODE
5,7: EMITTER
6,8:COLLECTOR
1
2
3
4
5
6
7
8
TLP627-4
9
10
11
12
13
14
15
16
1,3,5,7
: ANODE
2,4,6,8
: CATHODE
9,11,13,15 : EMITTER
10,12,14,16 :COLLECTOR
PIN CONFIGURATION (TOP VIEW)
TOSHIBA
11−5B2
Weight: 0.26 g
TOSHIBA
11−10C4
Weight: 0.54 g
TOSHIBA
11−20A3
Weight: 1.1 g
Unit in mm


Similar Part No. - TLP627

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
logo
ISOCOM COMPONENTS
TLP627 ISOCOM-TLP627 Datasheet
77Kb / 2P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
722Kb / 8P
Programmable Controllers DC-output Module Telecommunication
TLP627-2 TOSHIBA-TLP627-2 Datasheet
367Kb / 8P
PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP627-2 TOSHIBA-TLP627-2 Datasheet
722Kb / 8P
Programmable Controllers DC-output Module Telecommunication
More results

Similar Description - TLP627

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP421 TOSHIBA-TLP421 Datasheet
188Kb / 9P
Photocoupler GaAs Ired & Photo - Transistor
TLP181 TOSHIBA-TLP181 Datasheet
359Kb / 8P
GaAs IRED and PHOTO-TRANSISTOR
TLP633 TOSHIBA-TLP633 Datasheet
385Kb / 7P
GaAs IRED AND PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
GaAs IRed & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
GaAs Ired & Photo−Transistor
TLP291 TOSHIBA-TLP291 Datasheet
290Kb / 13P
GaAs IRED & PHOTO-TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com