Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVC06F05 Datasheet(PDF) 10 Page - Astec America, Inc

Part # AVC06F05
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06F05 Datasheet(HTML) 10 Page - Astec America, Inc

Back Button AVC06F05 Datasheet HTML 6Page - Astec America, Inc AVC06F05 Datasheet HTML 7Page - Astec America, Inc AVC06F05 Datasheet HTML 8Page - Astec America, Inc AVC06F05 Datasheet HTML 9Page - Astec America, Inc AVC06F05 Datasheet HTML 10Page - Astec America, Inc AVC06F05 Datasheet HTML 11Page - Astec America, Inc AVC06F05 Datasheet HTML 12Page - Astec America, Inc AVC06F05 Datasheet HTML 13Page - Astec America, Inc AVC06F05 Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 10 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
Efficiency vs. Load Current Curves for AVC06S05
Efficiency vs. Load Current Curves for AVC06K05
Efficiency vs. Load Current Curves for AVC06M05
Efficiency vs. Load Current Curves for AVC06Y05
Efficiency vs. Load Current Curves for AVC06D05
Efficiency vs. Load Current Curves for AVC06G05
Efficiency at 25C
65
70
75
80
85
90
95
0
2
4
6
Iout(A)
4.5Vin
5.0Vin
5.5Vin
Efficiency at 25C
65
70
75
80
85
90
95
0
2
4
6
Iout (A)
4.5Vin
5.0Vin
5.5Vin
Efficiency at 25C
65
70
75
80
85
90
95
0
2
4
6
Iout (A)
4.5Vin
5.0Vin
5.5Vin
Efficiency at 25C
65
70
75
80
85
90
95
0
2
4
6
Iout (A)
4.5Vin
5.0Vin
5.5Vin
Efficiency at 25C
65
70
75
80
85
90
95
0
2
4
6
Iout (A)
4.5Vin
5.0Vin
5.5Vin
Efficiency at 25C
65
70
75
80
85
90
95
0
2
4
6
Iout (A)
4.5Vin
5.0Vin
5.5Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com