Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVC06F05 Datasheet(PDF) 12 Page - Astec America, Inc

Part # AVC06F05
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06F05 Datasheet(HTML) 12 Page - Astec America, Inc

Back Button AVC06F05 Datasheet HTML 8Page - Astec America, Inc AVC06F05 Datasheet HTML 9Page - Astec America, Inc AVC06F05 Datasheet HTML 10Page - Astec America, Inc AVC06F05 Datasheet HTML 11Page - Astec America, Inc AVC06F05 Datasheet HTML 12Page - Astec America, Inc AVC06F05 Datasheet HTML 13Page - Astec America, Inc AVC06F05 Datasheet HTML 14Page - Astec America, Inc AVC06F05 Datasheet HTML 15Page - Astec America, Inc AVC06F05 Datasheet HTML 16Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 12 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
Mechanical Specifications
Unit Weight: 3.9g
Pin No
Symbol
Pin No
Symbol
1
ON/OFF
7
GND
2
+Vin
8
GND
3
+Vin
9
Vout
4
+Vin
10
Vout
5
GND
11
Vout
6
GND
12
Adjust
Note: 1
Production Factory
2
Production Year
3
Production Month(1,2,3,…9,O,N,D )
1.3 +/- 0.3
33.8 +/- 0.6
(31.2)
P
6
1
12
7
Lot No.
Voltage marking
Part No. marking
INPUT=
VDC
OUTPUT=
V 6A
a
b
c
0~10deg.
0.1mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com