Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVC06F05 Datasheet(PDF) 4 Page - Astec America, Inc

Part # AVC06F05
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06F05 Datasheet(HTML) 4 Page - Astec America, Inc

  AVC06F05 Datasheet HTML 1Page - Astec America, Inc AVC06F05 Datasheet HTML 2Page - Astec America, Inc AVC06F05 Datasheet HTML 3Page - Astec America, Inc AVC06F05 Datasheet HTML 4Page - Astec America, Inc AVC06F05 Datasheet HTML 5Page - Astec America, Inc AVC06F05 Datasheet HTML 6Page - Astec America, Inc AVC06F05 Datasheet HTML 7Page - Astec America, Inc AVC06F05 Datasheet HTML 8Page - Astec America, Inc AVC06F05 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 4 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Setpoint
AVC06S04
VO,SET
0.97
1.0
1.03
Vdc
(VIN=VIN,min to VIN,max at
AVC06K04
VO,SET
1.0
1.2
1.236
Vdc
IO=IO,max)
AVC06M04
VO,SET
1.455
1.5
1.545
Vdc
AVC06Y04
VO,SET
1.746
1.8
1.854
Vdc
AVC06D04
VO,SET
1.94
2.0
2.06
Vdc
AVC06G04
VO,SET
2.425
2.5
2.575
Vdc
AVC06S05
VO,SET
0.97
1.0
1.03
Vdc
AVC06K05
VO,SET
1.0
1.2
1.236
Vdc
AVC06M05
VO,SET
1.455
1.5
1.545
Vdc
AVC06Y05
VO,SET
1.746
1.8
1.854
Vdc
AVC06D05
VO,SET
1.94
2.0
2.06
Vdc
AVC06G05
VO,SET
2.425
2.5
2.575
Vdc
AVC06F05
VO,SET
3.201
3.3
3.63
Vdc
Output Voltage Adjust
(VIN=VIN,min to VIN,max at IO=IO,max,
VIN > VOUT + 1V for 5V series
VIN > VOUT + 0.5V for 3.3V series
)
All
-10
+10
%
Output Current Range
All
IO
0
-
6
A
Output Ripple and Noise
Peak to Peak: 5Hz to 20MHz
5Vin
-
-
50
100
mVPK-PK
3.3Vin
40
80
mVPK-PK
Efficiency
Ta = 25ºC. Vin =5.0V, Io= 4A
1.0V
η
78
82
-
%
1.2V
η
80
84
-
%
1.5V
η
82
86
-
%
1.8V
η
84
88
-
%
2.0V
η
85
89
-
%
2.5V
η
87
91
-
%
3.3V
η
89
93
-
%
Ta = 25ºC. Vin =3.3V, Io= 4A
1.0V
η
80
84
-
%
1.2V
η
83
87
-
%
1.5V
η
85
89
-
%
1.8V
η
86
90
-
%
2.0V
η
88
92
-
%
2.5V
η
89
93
-
%
ON/OFF PIN
(High Level Voltage)
5Vin
3.3Vin
4.2
2.7
-
-
-
-
V
V
ON/OFF PIN
(Low Level Voltage)
5Vin
3.3Vin
-
-
-
-
1.2
0.4
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com