Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVC06F05 Datasheet(PDF) 14 Page - Astec America, Inc

Part # AVC06F05
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AVC06F05 Datasheet(HTML) 14 Page - Astec America, Inc

Back Button AVC06F05 Datasheet HTML 8Page - Astec America, Inc AVC06F05 Datasheet HTML 9Page - Astec America, Inc AVC06F05 Datasheet HTML 10Page - Astec America, Inc AVC06F05 Datasheet HTML 11Page - Astec America, Inc AVC06F05 Datasheet HTML 12Page - Astec America, Inc AVC06F05 Datasheet HTML 13Page - Astec America, Inc AVC06F05 Datasheet HTML 14Page - Astec America, Inc AVC06F05 Datasheet HTML 15Page - Astec America, Inc AVC06F05 Datasheet HTML 16Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MODEL : AVC 20W SERIES
April 05 REVISION 02
SHEET 14 OF 16
Technical Reference Note
Ultra Low Profile
AVC 20W Series
Maximum pieces per a tray : 40pcs/tray Package
Corrugated cardboard box contains trays with products. Tray is heaped with alternately opposite direction to prevent
products from contacting against the bottoms of trays.
174.0
(310)
(210)
Label
Corrugated card board box
Numerals in parentheses are reference only.
Unit : mm
Label;written by : Part Number,
: Quantity,
: Inspection Number.
Bottom sheet of corrugated card board
Dummy tray
Trays containing products
ASTEC Products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com