Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS21661-RZ
Description  Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21661-RZ Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS21661-RZ Datasheet HTML 1Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 2Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 3Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 4Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 5Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PS21661-RZ/-FR
Intellimod™ Module
Single-In-Line Intelligent Power Module
3 Amperes/600 Volts
4
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C—
1.0
mA
VCE = VCES, Tj = 125°C—
10
mA
Diode Forward Voltage
VEC
Tj = 25°C, -IC = 3A, VIN = 0V
1.55
2.00
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 3A, Tj = 25°C, VD = VDB = 15V, VIN = 5V
1.60
2.15
Volts
IC = 3A, Tj = 125°C, VD = VDB = 15V, VIN = 5V
1.70
2.30
Volts
Inductive Load Switching Times
ton
0.50
0.85
1.25
µS
trr
VCC = 300V, VD = VDB = 15V,
0.20
µS
tC(on)
IC = 3A, Tj = 125°C, VIN = 0 ⇔ 5V,
0.35
0.55
µS
toff
Inductive Load (Upper-Lower Arm)
1.00
1.50
µS
tC(off)
0.55
1.10
µS
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Fin
Rth(j-f)Q
IGBT Part (Per 1/6 Module)
9.0
°C/Watt
Thermal Resistance
Rth(j-f)D
FWDi Part (Per 1/6 Module)
9.0
°C/Watt
Recommended Conditions for Use
Characteristic
Symbol
Condition
Min.
Typ.
Value
Units
Supply Voltage
VCC
Applied between P-N Terminals
0
300
400
Volts
Control Supply Voltage
VD
Applied between VN1-VNC
13.5
15.0
16.5
Volts
VDB
Applied between
13.0
15.0
18.5
Volts
VUFB-U(VUFS), VVFB-V(VVFS), VWFB-W(VWFS)
Control Supply Variation
∆VD, ∆VDB
-1
1
V/
µs
PWM Input Frequency
fPWM
Tf ≤ 100°C, Tj ≤ 125°C—
15
kHz
Allowable RMS Current*
IO
VCC = 300V, VD = 15V, fc = 15kHz,
17
Arms
PF = 0.8 Sinusoidal, Tj ≤ 125°C, Tf ≤ 100°C
VNC Terminal Voltage
VNC
Applied between VNC-N (Include Surge Voltage)
-5
5
Volts
Minimum Input Pulse Width**
PWIN
ON/OFF
0.3
µS
Arm Shoot-through Blocking Time
tDEAD
For Each Input Signal
1.5
µS
* The allowable RMS current value depends on the actual application conditions.
**There might be no output when the input signal width is less than PWIN.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com