Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS21661-RZ
Description  Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21661-RZ Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS21661-RZ Datasheet HTML 1Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 2Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 3Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 4Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 5Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS21661-RZ/-FR
Intellimod™ Module
Single-In-Line Intelligent Power Module
3 Amperes/600 Volts
2
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
1.50
38.0
B
0.94
24.0
C
0.16
4.0
D
1.38
35.0
E
0.33
8.5
F
0.61
15.5
G
0.15
3.8
H
0.38
9.6
J
0.57
14.6
K
0.80
20.4
L
1.00
25.4
M
1.23
31.2
N
0.047
1.2
P
0.028
0.7
Q
1.39
35.28
R
0.048
1.22
S
0.05
1.27
Dimensions
Inches
Millimeters
T
0.10
2.54
U
0.02
0.5
V
0.06
1.6
W
0.07
1.9
X
0.03
0.8
Y
0.11
2.7
Z
0.90
22.8
AA
0.71
18.1
AB
0.20
5.08
AC
0.016
0.4
AD
0.09
2.4
AE
0.22
5.5
AF
0.26
6.5
AG
0.14
3.6
AH
0.13
3.3
AJ
0.028
0.7
A
D
M
L
K
J
H
G
N
P
Y
C
X
HEATSINK SIDE
W
E
F
US
T
QR
AE
AF
HEATSINK SIDE
AB
AA
AD
AC
Z
B
AH
AG
AJ
V
(2 PLACES)
7 VN1
8 NC
9 WN
10 VWFB
11 WP
12 W(VWFS)
25 UN
26 VUFB
27 UP
28 U(VUFS)
29 NC
30 NC
WPG
TERMINAL CODE
1 N
2 P
3 FO
4 NC
5 VNC
6 CIN
13 NC
14 NC
15 VN1
16 NC
17 VN
18 VVFBV
19 VP
20 V(VVFS)
21 NC
22 NC
23 VN1
24 NC
VPG
UPG
31 NC
32 NC
33 NC
34 NC
35 NC
30
31
32
33
34
35
13
25
47
69
811
10
13
12
15
14
17
16
19
18
21
20
22 23 24
29
27 28
25 26
+10°
-0°
+10°
-0°
PS21661-FR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com