Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS21661-RZ
Description  Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21661-RZ Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS21661-RZ Datasheet HTML 1Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 2Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 3Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 4Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 5Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Single-In-Line Intelligent
Power Module
3 Amperes/600 Volts
PS21661-RZ/-FR
1
Description:
SIP-IPMs are intelligent power
modules that integrate power
devices, drivers, and protection
circuitry in an ultra compact
single-in-line transfer-mold
package for use in driving small
three phase motors. Use of 5th
generation IGBTs, SIP packaging,
and application specific HVICs
allow the designer to reduce
inverter size and overall design
time.
Features:
□ Compact Packages
□ Single Power Supply
□ Integrated HVICs
□ Direct Connection to CPU
Applications:
□ Washing Machines
□ Refrigerators
□ Air Conditioners
□ Small Servo Motors
□ Small Motor Control
Ordering Information:
PS21661-RZ is a 600V,
3 Ampere SIP Intelligent
Power Module.
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
1.50
38.0
B
0.94
24.0
C
0.16
4.0
D
1.38
35.0
E
0.33
8.5
F
0.61
15.5
G
0.15
3.8
H
0.38
9.6
J
0.57
14.6
K
0.80
20.4
L
1.00
25.4
M
1.23
31.2
N
0.047
1.2
P
0.028
0.7
Q
1.39
35.28
R
0.048
1.22
S
0.05
1.27
T
0.10
2.54
Dimensions
Inches
Millimeters
U
0.02
0.5
V
0.06
1.6
W
0.07
1.9
X
0.03
0.8
Y
0.11
2.7
Z
0.90
22.8
AA
0.75
19.0
AB
0.17
4.2
AC
0.20
5.2
AD
0.09
2.4
AE
0.15
3.81
AF
0.05
1.27
AG
0.20
5.08
AH
0.016
0.4
AJ
0.13
3.3
AK
0.14
3.6
AL
0.28
0.7
C
W
X
Y
AK
AJ
AA
AB
AC
B
Z
AH
AF
AE
AG
AD
HEATSINK SIDE
HEATSINK SIDE
A
D
M
L
K
J
H
G
N
P
E
F
US
T
QR
AL
V
(2 PLACES)
30
31
32
33
34
35
13
25
47
69
811
10
13
12
15
14
17
16
19
18
21
20
22 23 24
29
27 28
25 26
7 VN1
8 NC
9 WN
10 VWFB
11 WP
12 W(VWFS)
25 UN
26 VUFB
27 UP
28 U(VUFS)
29 NC
30 NC
WPG
TERMINAL CODE
1 N
2 P
3 FO
4 NC
5 VNC
6 CIN
13 NC
14 NC
15 VN1
16 NC
17 VN
18 VVFBV
19 VP
20 V(VVFS)
21 NC
22 NC
23 VN1
24 NC
VPG
UPG
31 NC
32 NC
33 NC
34 NC
35 NC
PS21661-RZ


Similar Part No. - PS21661-RZ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21661-RZ MITSUBISHI-PS21661-RZ Datasheet
645Kb / 2P
Generation DIP and Mini-DIP-IPM
PS21661-RZ MITSUBISHI-PS21661-RZ Datasheet
540Kb / 10P
AC100V~200V, three-phase inverter drive for small power motor control.
PS21661-RZ/-FR MITSUBISHI-PS21661-RZ/-FR Datasheet
645Kb / 2P
Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21661-RZ

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21255-E POWEREX-PS21255-E Datasheet
84Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21867-AP POWEREX-PS21867-AP Datasheet
321Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21865-P POWEREX-PS21865-P Datasheet
327Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21964 POWEREX-PS21964 Datasheet
365Kb / 6P
Intellimod??Module Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com