Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet (PDF) - Mitsubishi Electric Semiconductor

PS21661-RZ Datasheet PDF - Mitsubishi Electric Semiconductor
Part # PS21661-RZ
Download  PS21661-RZ Download
File Size   540.66 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description AC100V~200V, three-phase inverter drive for small power motor control.

PS21661-RZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PS21661-RZ Datasheet PDF - Mitsubishi Electric Semiconductor

Part # PS21661-RZ
Download  PS21661-RZ Click to download

File Size   540.66 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description AC100V~200V, three-phase inverter drive for small power motor control.

PS21661-RZ Datasheet (HTML) - Mitsubishi Electric Semiconductor


PS21661-RZ Product details

INTEGRATED POWER FUNCTIONS
• 600V/3A low-loss 5th generation IGBT inverter bridge for 3 phase DC-to-AC power conversion.

INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS :Drive circuit, High voltage isolated high-speed level shifting, Control circuit under-voltage protection (UV).
• For lower-leg IGBTS : Drive circuit, Control circuit under-voltage protection (UV), Short circuit protection (SC).
• Fault signaling : Corresponding to an SC fault (Lower-side IGBT) or a UV fault (Lower-side supply).
• Input interface : 5V line CMOS/TTL compatible Schmitt Trigger receiver circuit (Active high), Arm-short-through interlock protection.

APPLICATION
   AC100V~200V, three-phase inverter drive for small power motor control.




Similar Part No. - PS21661-RZ

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21661-RZ POWEREX-PS21661-RZ Datasheet
78Kb / 6P
Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
logo
Mitsubishi Electric Sem...
PS21661-RZ MITSUBISHI-PS21661-RZ Datasheet
645Kb / 2P
Generation DIP and Mini-DIP-IPM
PS21661-RZ/-FR MITSUBISHI-PS21661-RZ/-FR Datasheet
645Kb / 2P
Generation DIP and Mini-DIP-IPM
More results


Similar Description - PS21661-RZ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21265-P-AP MITSUBISHI-PS21265-P-AP Datasheet
178Kb / 10P
AC100V~200V three-phase inverter drive for small power motor control.
PS21267-P-AP MITSUBISHI-PS21267-P-AP Datasheet
178Kb / 10P
AC100V~200V three-phase inverter drive for small power motor control.
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
AC100V~200V inverter drive for small power motor control.
PS21562-SP MITSUBISHI-PS21562-SP Datasheet
124Kb / 8P
AC100V~200V inverter drive for small power motor control
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
AC100V~200V inverter drive for small power motor control
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
125Kb / 8P
AC100V~200V inverter drive for small power motor control
PS21564-P MITSUBISHI-PS21564-P Datasheet
133Kb / 9P
AC100V~200V inverter drive for small power motor control
PS21564-SP MITSUBISHI-PS21564-SP Datasheet
125Kb / 8P
AC100V~200V inverter drive for small power motor control
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
3-phase Motor Drive Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com