Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS21661-RZ
Description  AC100V~200V, three-phase inverter drive for small power motor control.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21661-RZ Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS21661-RZ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Single-In-Line Package Intelligent Power Module>
PS21661-RZ/FR
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2004
Supply voltage
Control supply voltage
Control supply voltage
Control supply variation
Arm shoot-through blocking time
PWM input frequency
Allowable r.m.s current
VNC terminal voltage
minimum on pulse width
400
16.5
18.5
1
—
—
VCC
VD
VDB
∆VD, ∆VDB
tdead
fPWM
IO
VNC
tXX
Applied between P-N
Applied between VN1-VNC
Applied between VUFB-U (VUFS), VVFB-V (VVFS), VWFB-W (VWFS)
Relates to corresponding input signal for blocking arm shoot-through
Tj
≤ 125°C, Tf ≤ 100°C
VCC = 300V, VD = 15V, fC = 15kHz, P.F = 0.8, sinusoidal
Tj
≤ 125°C, Tf ≤ 100°C
Applied between VNC-N (include surge voltage)
UP, VP, WP, UN, VN, WN terminal
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0
13.5
13.0
–1
1.5
—
Unit
RECOMMENDED OPERATION CONDITIONS
300
15.0
15.0
—
—
15
V
V
V
V/
µs
µs
kHz
Arms
V
µs
—
—
—
Note 5: Measurement point of heat-sink flatness
Mounting screw : (M3)
(Note 5)
Condition
Parameter
Limits
Mounting torque
Weight
Heat-sink flatness
Min.
MECHANICAL CHARACTERISTICS AND RATINGS
Typ.
Max.
0.59
—
–50
Unit
0.69
10
—
0.78
—
+100
N·m
g
µm
Heat-sink
Heat-sink
Measurement Range
3mm
–
+
–
+
SIP-IPM
—
–5
0.7
1.5
5
—



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com