Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PS21661-RZ
Description  AC100V~200V, three-phase inverter drive for small power motor control.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21661-RZ Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PS21661-RZ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Single-In-Line Package Intelligent Power Module>
PS21661-RZ/FR
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2004
Fig. 2 PS21661-FR PACKAGE OUTLINES
Dimensions in mm
V
V
V
V
mA
V
20
20
–0.5~VD
–0.5~VD
10
–0.5~VD
Applied between VN1-VNC
Applied between VUFB-U (VUFS),
VVFB-V (VVFS), VWFB-W (VWFS)
Applied between UP, VP, WP-VNC,
UN, VN, WN-VNC
Applied between FO-VNC
Sink current at FO terminal
Applied between CIN-VNC
Control supply voltage
Control supply voltage
Input voltage
Fault output supply voltage
Fault output current
Current sensing input voltage
VD
VDB
VIN
VFO
IFO
VSC
450
500
600
3
6
13.8
–20~+150
Applied between P-N
Applied between P-N
Tf = 25
°C
Tf = 25
°C, tw ≤ 1msec
Tf = 25
°C, per 1 chip
(Note 1)
VCC
VCC(surge)
VCES
±IC
±ICP
PC
Tj
Condition
Symbol
Parameter
Ratings
Unit
Supply voltage
Supply voltage (surge)
Collector-emitter voltage
Collector current
Collector current (peak)
Collector dissipation
Junction temperature
V
V
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Condition
Symbol
Parameter
Ratings
Unit
CONTROL (PROTECTION) PART
Note 1 : The maximum junction temperature rating of the power chips integrated within the SIP-IPM is 150
°C (@ Tf ≤ 100°C) however, to
insure safe operation of the SIP-IPM, the average junction temperature should be limited to Tj(ave)
≤ 125°C (@ Tf ≤ 100°C).
q~#5 : pins numbers. The terminals array, please reference
to the Fig.7.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com