Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # PS21661-RZ
Description  AC100V~200V, three-phase inverter drive for small power motor control.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21661-RZ Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button PS21661-RZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Single-In-Line Package Intelligent Power Module>
PS21661-RZ/FR
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2004
Fig. 9 TYPICAL SIP-IPM APPLICATION CIRCUIT EXAMPLE
Note 1 : Input signal lines are pulled-down with 4.7k
Ω (min.) internal resistor. If these input lines are susceptible to noise, an RC coupling at
each input is recommended. Input signal voltage is determined by the values of internal pull-down resistor and the external connected
resistor. Set the external resistance value so that input signal voltage exceeds the on-threshold voltage. To prevent the input signals
oscillation, the wiring of each input should be as short as possible.
2: By virtue of integrating the specific type HVIC inside the module, direct coupling to CPU terminals without any opto-coupler or trans-
former isolation is possible.
3: FO output is open collector type. This signal line should be pulled up to the positive side of the 5V power supply with approximately
1k
Ω resistance.
4: Approximately a 0.1~2
µF by-pass capacitor should be used across each power supply connection terminals.
5: To prevent errors of the protection function, the wiring of A should be as short as possible.
6: Each capacitor should be located as close to the pins of the SIP-IPM as possible.
7: In the recommended protection circuit, please select the R1C4 time constant in the range of 1.5~2
µs.
8: To prevent surge destruction, the wiring between the smoothing capacitor and the P&N1 pins should be as short as possible. Approxi-
mately a 0.1~0.22
µF snubber capacitor between the P&N1 pins is recommended.
C2
C1
HO
LO
VNO
NIN
COM
PIN
VS
FO
CIN
VB
VCC
C2
C1
HO
LO
VNO
NIN
COM
PIN
VS
FO
CIN
VB
VCC
C2
C1
HO
LO
VNO
NIN
COM
PIN
VS
FO
CIN
CIN
VB
VCC
SIP-IPM
M
5V line
15V line
C4
N1
R1
CIN
A
N
P
R2
IC1
IC2
IC3
R2
R3
C3
C3
R2
C3
UP
UN
VN1
U(VUFS)
VUFB
VN1
VNC
WP
WN
FO
W(VWFS)
VWFB
VP
VN
VN1
V(VVFS)
VVFB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com