Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PS21661-RZ
Description  AC100V~200V, three-phase inverter drive for small power motor control.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21661-RZ Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PS21661-RZ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Single-In-Line Package Intelligent Power Module>
PS21661-RZ/FR
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2004
400
–20~+100
–40~+125
1500
VD = 13.5~16.5V, Inverter part
Tj = 125
°C start, non-repetitive, less than 2 µs
(Note 2)
60Hz, Sinusoidal, AC 1 minute, connection
pins to heat-sink plate
VCC(PROT)
Tf
Tstg
Viso
Symbol
Ratings
Unit
Self protection supply voltage limit
(short circuit protection capability)
Heatsink operation temperature
Storage temperature
Isolation voltage
V
°C
°C
Vrms
TOTAL SYSTEM
Parameter
Condition
Note 2 : Tf MEASUREMENT POINT
AI Board
AI Board Specification : Dimensions 50
× 50 × 10mm, finishing 12s, warp –50~+100µm
10.5mm
15mm
25mm
10mm
1.5mm
IGBT Chip
FWD Chip
Temp. measure-
ment point
(inside the AI board)
100~200
µm of evenly applied Silicon-Grease
Temp. measurement point
(inside the AI board)
SIP-IPM
Control
Terminals
2.15
2.30
2.00
1.10
—
0.55
1.50
1.10
1
10
mA
V
Tj = 25
°C
Tj = 125
°C
IC = 3A, Tj = 25
°C
IC = 3A, Tj = 125
°C
VCE(sat)
VEC
ton
trr
tc(on)
toff
tc(off)
ICES
Condition
Symbol
Parameter
Limits
Inverter IGBT part (per 1/6 module)
(Note 3)
Inverter FWD part (per 1/6 module)
(Note 3)
Rth(j-f)Q
Rth(j-f)F
Min.
°C/W
THERMAL RESISTANCE
Typ.
Max.
—
—
—
—
9.0
9.0
Unit
Tj = 25
°C, –IC = 3A, VIN = 0V
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
—
—
—
0.35
—
—
—
—
—
—
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Collector-emitter saturation
voltage
FWD forward voltage
Junction to fin thermal
resistance
VD = VDB = 15V
VIN = 5V
Switching times
VCC = 300V, VD = 15V
IC = 3A, Tj = 125
°C
Inductive load (upper-lower arm)
VIN = 0
↔ 5V
Collector-emitter cut-off
current
VCE = VCES
1.60
1.70
1.55
0.70
0.20
0.35
1.00
0.55
—
—
V
µs
µs
µs
µs
µs
Note 4 : Short circuit protection is functioning only at the low-arms. Please select the value of the external shunt resistor such that the SC trip-
level is less than 5.1A
3.60
3.90
0.50
0.50
—
0.95
1.50
0.53
12.0
12.5
12.5
13.0
—
2.60
1.80
—
—
—
—
4.9
—
0.70
0.43
10.0
10.5
10.3
10.8
20
2.10
1.10
Applied between:
UP, VP, WP-VNC, UN, VN, WN-VNC
Trip level
Reset level
Trip level
Reset level
VUFB-U (VUFS), VVFB-V (VVFS),
VWFB-W (VWFS)
Circuit current
Condition
Symbol
Parameter
Limits
ID
IDB
VFOH
VFOL
IIN
VSC(ref)
UVDBt
UVDBr
UVDt
UVDr
tFO
Vth(on)
Vth(off)
Min.
Typ.
Max.
Unit
CONTROL (PROTECTION) PART
VDB = 15V, VIN = 0V
VDB = 15V, VIN = 5V
VSC = 0V, FO circuit : 1k
Ω to 5V pull-up
VSC = 1V, IFO = –10mA
VIN = 5V
Tj = 25
°C, VD = 15V
(Note 4)
Fault output voltage
Supply circuit under-voltage
protection
Tj
≤ 125°C
Fault output pulse width
ON threshold voltage
OFF threshold voltage
—
—
—
—
—
—
1.06
0.48
—
—
—
—
40
2.35
1.40
mA
mA
mA
mA
V
V
mA
V
V
V
V
V
µs
V
V
Note 3 : Grease with good thermal conductivity should be applied evenly about +100
µm ~ +200µm on the contact surface of SIP-IPM and a
heat-sink.
Total of VN1-VNC (U, V, W)
VD = 15V, VIN = 0V
VD = 15V, VIN = 5V
Input current
Short circuit trip level
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com