Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PS21661-RZ
Description  AC100V~200V, three-phase inverter drive for small power motor control.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21661-RZ Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS21661-RZ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Single-In-Line Package Intelligent Power Module>
PS21661-RZ/FR
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2004
PS21661-RZ
PS21661-FR
INTEGRATED POWER FUNCTIONS
• 600V/3A low-loss 5th generation IGBT inverter bridge for 3
phase DC-to-AC power conversion.
APPLICATION
AC100V~200V, three-phase inverter drive for small power motor control.
Fig. 1 PS21661-RZ PACKAGE OUTLINES
MITSUBISHI SEMICONDUCTOR <Single-In-Line Package Intelligent Power Module>
PS21661-RZ/FR
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS :Drive circuit, High voltage isolated high-speed level shifting, Control circuit under-voltage protection (UV).
• For lower-leg IGBTS : Drive circuit, Control circuit under-voltage protection (UV), Short circuit protection (SC).
• Fault signaling : Corresponding to an SC fault (Lower-side IGBT) or a UV fault (Lower-side supply).
• Input interface : 5V line CMOS/TTL compatible Schmitt Trigger receiver circuit (Active high),
Arm-short-through interlock protection.
Dimensions in mm
q~#5 : pins numbers. The terminals array, please reference
to the Fig.5.


Similar Part No. - PS21661-RZ

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21661-RZ POWEREX-PS21661-RZ Datasheet
78Kb / 6P
Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
logo
Mitsubishi Electric Sem...
PS21661-RZ MITSUBISHI-PS21661-RZ Datasheet
645Kb / 2P
Generation DIP and Mini-DIP-IPM
PS21661-RZ/-FR MITSUBISHI-PS21661-RZ/-FR Datasheet
645Kb / 2P
Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21661-RZ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21265-P-AP MITSUBISHI-PS21265-P-AP Datasheet
178Kb / 10P
AC100V~200V three-phase inverter drive for small power motor control.
PS21267-P-AP MITSUBISHI-PS21267-P-AP Datasheet
178Kb / 10P
AC100V~200V three-phase inverter drive for small power motor control.
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
AC100V~200V inverter drive for small power motor control.
PS21562-SP MITSUBISHI-PS21562-SP Datasheet
124Kb / 8P
AC100V~200V inverter drive for small power motor control
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
AC100V~200V inverter drive for small power motor control
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
125Kb / 8P
AC100V~200V inverter drive for small power motor control
PS21564-P MITSUBISHI-PS21564-P Datasheet
133Kb / 9P
AC100V~200V inverter drive for small power motor control
PS21564-SP MITSUBISHI-PS21564-SP Datasheet
125Kb / 8P
AC100V~200V inverter drive for small power motor control
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
3-phase Motor Drive Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com