Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # PS21661-RZ
Description  AC100V~200V, three-phase inverter drive for small power motor control.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21661-RZ Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button PS21661-RZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21661-RZ Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Single-In-Line Package Intelligent Power Module>
PS21661-RZ/FR
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2004
Error output Fo
Sense voltage of the
shunt resistance
SC reference voltage
CR circuit time constant
DELAY (Note)
Output current Ic
Lower-arms control input
Protection circuit state
Internal IGBT gate
a5
a8
a4
a3
a1
a2
SC
RESET
SET
a7
a6
Fig. 8 TIMING CHARTS OF THE SIP-IPM PROTECTIVE FUNCTIONS
[A] Short-Circuit Protection (Lower-arms only)
a1. Normal operation : IGBT ON and carrying current.
a2. Short circuit current detection (SC trigger).
a3. Hard IGBT gate interrupt.
a4. IGBT turns OFF.
a5. FO output (20~80
µs).
a6. Input “L” : IGBT OFF state.
a7. Input “H” : IGBT ON state, but during the FO active signal the IGBT doesn’t turn ON.
a8. IGBT OFF state.
[B] Under-Voltage Protection (Lower-arms, UVD)
a1. Control supply voltage rises : After the voltage level reaches UVDr, the circuits start to operate when the next input is applied.
a2. Normal operation : IGBT ON and carrying current.
a3. Under voltage trip (UVDt).
a4. IGBT OFF in spite of control input condition.
a5. FO output (20~80
µs).
a6. Under voltage reset (UVDr).
a7. Normal operation : IGBT ON and carrying current.
Fault output Fo
Output current Ic
Control supply voltage VD
Protection circuit state
Control input
a7
a2
a1
a4
a6
a3
RESET
RESET
UVDBt
UVDBr
SET
a5
Note : The CR time constant safe guards against erroneous SC signal resulting from di/dt generated voltages when IGBT turns ON. The opti-
mum setting for the CR circuit time constant is 1.5~2.0
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com