Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS21661-RZ Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PS21661-RZ
Description  Intellimod??Module Single-In-Line Intelligent Power Module (3 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21661-RZ Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PS21661-RZ Datasheet HTML 1Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 2Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 3Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 4Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 5Page - Powerex Power Semiconductors PS21661-RZ Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS21661-RZ/-FR
Intellimod™ Module
Single-In-Line Intelligent Power Module
3 Amperes/600 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Supply Voltage
VD
Applied between VN1-VNC
13.5
15.0
16.5
Volts
VDB
Applied between VUFB-VUFS,
13.5
15.0
16.5
Volts
VVFB-VVFS, VWFB-VWFS
Circuit Current
ID
VD = 15V, VIN = 0V,
—
—
3.60
mA
Total of VN1-VNC (U, V, W)
VD = 15V, VIN = 5V,
—
—
3.60
mA
Total of VN1-VNC (U, V, W)
IDB
VDB = 15V, VIN = 0V,
—
—
0.50
mA
VUFB-U(VUFS), VVFB-V(VVFS), VWFB-W(VWFS)
VDB = 15V, VIN = 5V,
—
—
0.50
mA
VUFB-U(VUFS), VVFB-V(VVFS), VWFB-W(VWFS)
Fault Output Voltage
VFOH
VSC = 0V, FO Circuit: 1k Ω to 5V Pull-up
4.9
—
—
Volts
VFOL
VSC = 1V, IFO = -10mA
—
—
0.95
Volts
Input Current
IIN
VIN = 5V
0.70
1.06
1.50
mA
PWM Input Frequency
fPWM
Tf ≤ 100°C, Tj ≤ 125°C—
15
—
kHz
Short Circuit Trip Level*
VSC(ref)
Tj = 25°C, VD = 15V
0.43
0.48
0.53
Volts
Supply Circuit Under-voltage
UVDBt
Trip Level, Tj ≤ 125°C
10.0
—
12.0
Volts
UVDBr
Reset Level, Tj ≤ 125°C
10.5
—
12.5
Volts
UVDt
Trip Level, Tj ≤ 125°C
10.3
—
12.5
Volts
UVDr
Reset Level, Tj ≤ 125°C
10.8
—
13.0
Volts
Fault Output Pulse Width**
tFO
20
40
—
µS
ON Threshold Voltage
Vth(on)
Applied between UP, VP, WP-VNC,
2.10
2.35
2.60
Volts
OFF Threshold Voltage
Vth(off)
UN, VN, WN-VNC
1.10
1.40
1.80
Volts
* Short Circuit protection is functioning only at the lower-arms. Please select the value of the external shunt resistor such that the SC trip level is less than 5.1A.
**FO signal is only asserted when the SC or UV protection is activated on the low side.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com