Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4029 Datasheet(PDF) 4 Page - SYC Electronica

Part # CD4029
Description  CMOS Presettable Up/Down Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4029 Datasheet(HTML) 4 Page - SYC Electronica

  CD4029 Datasheet HTML 1Page - SYC Electronica CD4029 Datasheet HTML 2Page - SYC Electronica CD4029 Datasheet HTML 3Page - SYC Electronica CD4029 Datasheet HTML 4Page - SYC Electronica CD4029 Datasheet HTML 5Page - SYC Electronica CD4029 Datasheet HTML 6Page - SYC Electronica CD4029 Datasheet HTML 7Page - SYC Electronica CD4029 Datasheet HTML 8Page - SYC Electronica CD4029 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Specifications CD4029BMS
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
+125oC
-
-1.15
mA
-55oC
-
-2.0
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
+125oC
-
-0.9
mA
-55oC
-
-2.6
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC,
-55oC
7-
V
Propagation Delay
Q Output
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
240
ns
VDD = 15V
1, 2, 3
+25oC
-
180
ns
Propagation Delay
Carry Output
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
260
ns
VDD = 15V
1, 2, 3
+25oC
-
190
ns
Propagation Delay
Preset Enable To Q
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
160
ns
Propagation Delay
Preset Enable To Carry-
Out
TPHL4
TPLH4
VDD = 10V
1, 2, 3
+25oC
-
290
ns
VDD = 15V
1, 2, 3
+25oC
-
210
ns
Propagation Delay
Carry In To Carry Out
TPHL5
TPLH5
VDD = 10V
1, 2, 3
+25oC
-
140
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC
4
-
MHz
VDD = 15V
1, 2, 3
+25oC
5.5
-
MHz
Minimum Data Setup
Time
Note 4
TS
VDD = 5V
1, 2, 3
+25oC
-
340
ns
VDD = 10V
1, 2, 3
+25oC
-
140
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Clock Rise And Fall Time
Note 5
TRCL
TFCL
VDD = 5V
1, 2, 3
+25oC-
15
µs
VDD = 10V
1, 2, 3
+25oC-
15
µs
VDD = 15V
1, 2, 3
+25oC-
15
µs
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
180
ns
VDD = 10V
1, 2, 3
+25oC
-
90
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Minimum Carry In Setup
Time
Note 6
TS
VDD = 5V
1, 2, 3
+25oC
-
200
ns
VDD = 10V
1, 2, 3
+25oC
-
70
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Minimum Carry Input
Hold Time
Note 6
TH
VDD = 5V
1, 2, 3
+25oC
-
50
ns
VDD = 10V
1, 2, 3
+25oC
-
30
ns
VDD = 15V
1, 2, 3
+25oC
-
25
ns
Minimum Preset Enable
Removal Time
Note 4
TREM
VDD = 5V
1, 2, 3
+25oC
-
200
ns
VDD = 10V
1, 2, 3
+25oC
-
110
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com