Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4029 Datasheet (PDF) - SYC Electronica

CD4029 Datasheet PDF - SYC Electronica
Part # CD4029
Download  CD4029 Download
File Size   156.19 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description CMOS Presettable Up/Down Counter

CD4029 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4029 Datasheet PDF - SYC Electronica

Part # CD4029
Download  CD4029 Click to download

File Size   156.19 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description CMOS Presettable Up/Down Counter

CD4029 Datasheet (HTML) - SYC Electronica


CD4029 Product details

Features
High-Voltage Type (20V Rating)
Medium Speed Operation: 8MHz (Typ.) at CL = 50pF
and VDD - VSS = 10V
Multi-Package Parallel Clocking for Synchronous High
Speed Output Response or Ripple Clocking for Slow
Clock Input Rise and Fall Times
“Preset Enable” and Individual “Jam” Inputs Provided
Binary or Decade Up/Down Counting
BCD Outputs in Decade Mode
100% Tested for Maximum Quiescent Current at 20V
5V, 10V and 15V Parametric Ratings
Standardized Symmetrical Output Characteristics
Maximum Input Current of 1μA at 18V Over Full Package-
Temperature Range; 100nA at 18V and +25oC
Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
Meets All Requirements of JEDEC Tentative Standards
No. 13B, “Standard Specifications for Description
of “B” Series CMOS Device’s
Applications
Programmable Binary and Decade Counting/Frequency
Synthesizers-BCD Output
Analog to Digital and Digital to Analog Conversion
Up/Down Binary Counting
Difference Counting
Magnitude and Sign Generation
Up/Down Decade Counting

Description
CD4029BMS consists of a four-stage binary or BCD-decade up/
down counter with provisions for look-ahead carry in both counting
modes. The inputs consist of a single CLOCK, CARRY-IN
(CLOCK ENABLE), BINARY/DECADE, UP/DOWN, PRESET
ENABLE, and four individual JAM signals. Q1, Q2, Q3, Q4 and a
CARRY OUT signal are provided as outputs.
A high PRESET ENABLE signal allows information on the JAM
INPUTS to preset the counter to any state asynchronously with
the clock. A low on each JAM line, when the PRESET-ENABLE
signal is high, resets the counter to its zero count. The counter is
advanced one count at the positive transition of the clock when
the CARRY-IN and PRE-SET ENABLE signals are low.
Advancement is inhibited when the CARRY-IN or PRESET
ENABLE signals are high. The CARRY-OUT signal is normally
high and goes low when the counter reaches its maximum count
in the UP mode or the minimum count in the DOWN mode provided
the CARRY-IN signal is low. The CARRY-IN signal in the
low state can thus be considered a CLOCK ENABLE. The
CARRY-IN terminal must be connected to VSS when not in use.
Binary counting is accomplished when the BINARY/DECADE
input is high; the counter counts in the decade mode when the
BINARY/DECADE input is low. The counter counts up when the
UP/DOWN input is high, and down when the UP/DOWN input is
low. Multiple packages can be connected in either a parallelclocking
or a ripple-clocking arrangement as shown in Figure 17.
Parallel clocking provides synchronous control and hence faster
response from all counting outputs. Ripple-clocking allows for
longer clock input rise and fall times.
The CD4029BMS is supplied in these 16-lead outline packages:
Braze Seal DIP H4X
Frit Seal DIP H1F
Ceramic Flatpack H6W




Similar Part No. - CD4029

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4029 NSC-CD4029 Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
Texas Instruments
CD4029 TI-CD4029 Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Fairchild Semiconductor
CD4029 FAIRCHILD-CD4029 Datasheet
94Kb / 8P
Presettable Binary/Decade Up/Down Counter
logo
Intersil Corporation
CD4029 INTERSIL-CD4029 Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
National Semiconductor ...
CD4029 NSC-CD4029 Datasheet
164Kb / 8P
Presettable Binary/Decade Up/Down Counter
More results


Similar Description - CD4029

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL4029B SLS-SL4029B Datasheet
84Kb / 8P
Presettable Up/Down Counter
SL4516B SLS-SL4516B Datasheet
66Kb / 6P
Presettable Up/Down Counter
logo
Intersil Corporation
CD4029BMS INTERSIL-CD4029BMS Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
STMicroelectronics
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
PRESETTABLE BINARY UP/DOWN COUNTER
Sep-2002
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
PRESETTABLE BCD UP/DOWN COUNTER
Sep-2002
logo
Texas Instruments
CD4029B TI1-CD4029B_15 Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com