Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4029 Datasheet(PDF) 6 Page - SYC Electronica

Part # CD4029
Description  CMOS Presettable Up/Down Counter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4029 Datasheet(HTML) 6 Page - SYC Electronica

Back Button CD4029 Datasheet HTML 2Page - SYC Electronica CD4029 Datasheet HTML 3Page - SYC Electronica CD4029 Datasheet HTML 4Page - SYC Electronica CD4029 Datasheet HTML 5Page - SYC Electronica CD4029 Datasheet HTML 6Page - SYC Electronica CD4029 Datasheet HTML 7Page - SYC Electronica CD4029 Datasheet HTML 8Page - SYC Electronica CD4029 Datasheet HTML 9Page - SYC Electronica CD4029 Datasheet HTML 10Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Specifications CD4029BMS
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Pre Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 1 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 2 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Interim Test 3 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1
Note 1
2, 6, 7, 11, 14
1, 3 - 5, 8 - 10, 12,
13, 15
16
Static Burn-In 2
Note 1
2, 6, 7, 11, 14
8
1, 3 - 5, 9, 10, 12,
13, 15, 16
Dynamic Burn-
In Note 1
-
1, 3 - 5, 8, 12, 13
9, 10, 16
2, 6, 7, 11, 14
15
-
Irradiation
Note 2
2, 6, 7, 11, 14
8
1, 3 - 5, 9, 10, 12,
13, 15, 16
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com